Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODAX Datasheet(PDF) 65 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 61Page - Texas Instruments CC3235MODAX Datasheet HTML 62Page - Texas Instruments CC3235MODAX Datasheet HTML 63Page - Texas Instruments CC3235MODAX Datasheet HTML 64Page - Texas Instruments CC3235MODAX Datasheet HTML 65Page - Texas Instruments CC3235MODAX Datasheet HTML 66Page - Texas Instruments CC3235MODAX Datasheet HTML 67Page - Texas Instruments CC3235MODAX Datasheet HTML 68Page - Texas Instruments CC3235MODAX Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
65
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6.4
Wi-Fi
® Network Processor Subsystem
The Wi-Fi network processor subsystem includes a dedicated Arm® MCU to completely offload the host
MCU along with an 802.11 a/b/g/n radio, baseband, and MAC with a powerful crypto engine for a fast,
secure WLAN and Internet connections with 256-bit encryption. The CC3235MODAx MCU supports
station, AP, and Wi-Fi Direct® modes. The module also supports WPA2 personal and enterprise security
and WPS 2.0. The Wi-Fi network processor includes an embedded IPv6, IPv4 TCP/IP stack, TLS stack,
and network applications such as HTTPS server.
6.4.1
WLAN
The WLAN features are as follows:
•
802.11 a/b/g/n integrated radio, modem, and MAC supporting WLAN communication as a BSS station,
AP, Wi-Fi Direct® client and group owner with CCK and OFDM rates in the 2.4 GHz ISM band,
channels 1 to 13, and 5 GHz U-NII band.
NOTE
802.11n is supported only in Wi-Fi station, Wi-Fi Direct
®, and P2P client modes.
•
Autocalibrated radio with a single-ended 50-Ω interface enables easy connection to the antenna
without requiring expertise in radio circuit design.
•
Advanced connection manager with multiple user-configurable profiles stored in serial-Flash allows
automatic fast connection to an access point without user or host intervention.
•
Supports all common Wi-Fi security modes for personal and enterprise networks with on-chip security
accelerators, including: WEP, WPA/WPA2 PSK, WPA2 Enterprise (802.1x).
•
Smart provisioning options deeply integrated within the module providing a comprehensive end-to-end
solution. With elaborate events notification to the host, enabling the application to control the
provisioning decision flow. The wide variety of Wi-Fi provisioning methods include:
–
Access Point using HTTPS
–
SmartConfig Technology: a 1-step, 1-time process to connect a CC3235MODAx-enabled module to
the home wireless network, removing dependency on the I/O capabilities of the host MCU; thus, it
is usable by deeply embedded applications
•
802.11 transceiver mode allows transmitting and receiving of proprietary data through a socket without
adding MAC or PHY headers. The 802.11 transceiver mode provides the option to select the working
channel, rate, and transmitted power. The receiver mode works with the filtering options.
6.4.2
Network Stack
The Network Stack features are as follows:
•
Integrated IPv4, IPv6 TCP/IP stack with BSD socket APIs for simple Internet connectivity with any
MCU, microprocessor, or ASIC
NOTE
Not all APIs are 100% BSD compliant. Not all BSD APIs are supported.
•
Support of 16 simultaneous TCP, UDP, RAW, SSL\TLS sockets
•
Built-in network protocols:
–
Static IP, LLA, DHCPv4, DHCPv6 with DAD and stateless autoconfiguration
–
ARP, ICMPv4, IGMP, ICMPv6, MLD, ND
–
DNS client for easy connection to the local network and the Internet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com