Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODAX Datasheet(PDF) 35 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 31Page - Texas Instruments CC3235MODAX Datasheet HTML 32Page - Texas Instruments CC3235MODAX Datasheet HTML 33Page - Texas Instruments CC3235MODAX Datasheet HTML 34Page - Texas Instruments CC3235MODAX Datasheet HTML 35Page - Texas Instruments CC3235MODAX Datasheet HTML 36Page - Texas Instruments CC3235MODAX Datasheet HTML 37Page - Texas Instruments CC3235MODAX Datasheet HTML 38Page - Texas Instruments CC3235MODAX Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
35
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
(1)
The CC3235MODAx's RF_ABG pin is a NC as it is directly tied to the integrated PCB antenna.
4.6
Connections for Unused Pins
All unused pin should be configured as stated in Table 4-5.
Table 4-5. Connections for Unused Pins
FUNCTION
SIGNAL DESCRIPTION
PIN NUMBER
ACCEPTABLE PRACTICE
GPIO
General-purpose input or output
Wake up I/O source should not be floating during
hibernate.
All the I/O pins will float while in Hibernate and Reset
states. Ensure pullup and pulldown resistors are available
on board to maintain the state of the I/O.
Leave unused GPIOs as NC
No Connect
NC
20, 31(1), 33, 41,
45
Unused pin, leave as NC.
SOP
Configuration sense-on-power
23, 24, 34
Leave as NC (Modules contain internal 100 kΩ pull down
resistors on the SOP lines). An external 10 kΩ pull up
resistor is required to pull these pins high. See
Section 6.11.1 for SOP[2:0] configuration modes.
Reset
RESET input for the device
Never leave the reset pin floating
JTAG
JTAG interface
Leave as NC if unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com