Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODAX Datasheet(PDF) 86 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 86 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 82Page - Texas Instruments CC3235MODAX Datasheet HTML 83Page - Texas Instruments CC3235MODAX Datasheet HTML 84Page - Texas Instruments CC3235MODAX Datasheet HTML 85Page - Texas Instruments CC3235MODAX Datasheet HTML 86Page - Texas Instruments CC3235MODAX Datasheet HTML 87Page - Texas Instruments CC3235MODAX Datasheet HTML 88Page - Texas Instruments CC3235MODAX Datasheet HTML 89Page - Texas Instruments CC3235MODAX Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
86
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Device and Documentation Support
Copyright © 2019, Texas Instruments Incorporated
9
Device and Documentation Support
TI offers and extensive line of development tools. Tools and software to evaluate the performance of the
device, generate code, and develop solutions are listed in this section.
9.1
Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES
NOT CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR
SERVICES OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR
SERVICES, EITHER ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
9.2
Development Tools and Software
For the most up to date list of Development Tools and Software, visit the CC3235MOD tools and software
page. Or, click on the Alert me button in the top-right corner of the page, to stay informed of updates
related to the CC3235MOD.
Pin Mux Tool The supported devices are: CC3200, CC3220x, and CC3235x.
The Pin Mux Tool is a software tool that provides a graphical user interface (GUI) for
configuring pin multiplexing settings, resolving conflicts and specifying I/O cell characteristics
for MPUs from TI. Results are output as C header/code files that can be imported into
software development kits (SDKs) or used to configure customers' custom software. Version
3 of the Pin Mux Tool adds the capability of automatically selecting a mux configuration that
satisfies the entered requirements.
SimpleLink™ Wi-Fi® Starter Pro The supported devices are: CC3100, CC3200, CC3120R, CC3220x,
CC3135, and CC3235x.
The SimpleLink™ Wi-Fi® Starter Pro mobile App is a new mobile application for
SimpleLink™ provisioning. The app goes along with the embedded provisioning library and
example that runs on the device side (see SimpleLink™ Wi-Fi® SDK plugin and TI
SimpleLink™ CC32XX Software Development Kit (SDK)). The new provisioning release is a
TI recommendation for Wi-Fi® provisioning using SimpleLink™ Wi-Fi® products. The
provisioning release implements advanced AP mode and SmartConfig™ technology
provisioning with feedback and fallback options to ensure successful process has been
accomplished. Customers can use both embedded library and the mobile library for
integration to their end products.
SimpleLink™ CC32XX Software Development Kit (SDK) The CC3235x devices are supported.
The SimpleLink™ CC32XX SDK contains drivers for the CC3235 programmable MCU, more
than 30 sample applications, and documentation needed to use the solution. It also contains
the flash programmer, a command line tool for flashing software, configuring network and
software parameters (SSID, access point channel, network profile, BS NIEW), system files,
and user files (certificates, web pages, and more). This SDK can be used with TI’s
SimpleLink™ Wi-Fi® CC3235 LaunchPad™ development kits.
Uniflash Standalone Flash Tool for TI Microcontrollers (MCU), Sitara Processors & SimpleLink
Devices The supported devices are: CC3120R, CC3220x, CC3135, and CC3235x.
CCS Uniflash is a standalone tool used to program on-chip flash memory on TI MCUs and
on-board flash memory for Sitara™ processors. Uniflash has a GUI, command line, and
scripting interface. CCS Uniflash is available free of charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com