Electronic Components Datasheet Search
  English  ▼

X  

CC3235MODAX Datasheet(PDF) 1 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 1 Page - Texas Instruments

  CC3235MODAX Datasheet HTML 1Page - Texas Instruments CC3235MODAX Datasheet HTML 2Page - Texas Instruments CC3235MODAX Datasheet HTML 3Page - Texas Instruments CC3235MODAX Datasheet HTML 4Page - Texas Instruments CC3235MODAX Datasheet HTML 5Page - Texas Instruments CC3235MODAX Datasheet HTML 6Page - Texas Instruments CC3235MODAX Datasheet HTML 7Page - Texas Instruments CC3235MODAX Datasheet HTML 8Page - Texas Instruments CC3235MODAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
CC3235MODAx SimpleLink™ Wi-Fi CERTIFIED™ Dual-band Wireless MCU Module
1
Module Overview
1
1.1
Features
1
• Fully integrated and green/RoHS modules includes
all required clocks, SPI Flash, and passives
• 802.11 a/b/g/n: 2.4 GHz and 5 GHz
• FCC, IC/ISED, ETSI/CE, MIC, and SRRC Certified
(In Process)
• FIPS 140-2 Level 1 Validated IC Inside
• Multilayered security features, help developers
protect identities, data, and software IP
• Low-power modes for battery powered application
• Coexistence with 2.4 GHz radios
• Industrial temperature: –40°C to +85°C
• CC3235MODAx modules include an integrated
PCB antenna for easy integration into the host
system
• 1.27-mm pitch QFM package for easy assembly
and low-cost PCB design
• Transferrable Wi-Fi Alliance® Certification
• Application microcontroller subsystem:
– Arm® Cortex®-M4 core at 80 MHz
– User-dedicated memory
– 256 KB RAM
– Optional 1 MB executable Flash
– Rich set of peripherals and timers
– McASP Supports Two I2S Channels
– SD, SPI, I2C, UART
– 8-Bit Synchronous Imager Interface
– 4-Channel 12-Bit ADCs
– 4 General-Purpose Timers (GPT) with 16-Bit
PWM Mode
– Watchdog Timer
– Up to 27 GPIO Pins
– Debug Interfaces: JTAG, cJTAG, SWD
• Wi-Fi network processor subsystem:
– Wi-Fi® core:
– 802.11 a/b/g/n 2.4 GHz and 5 GHz
– Modes:
–
Access Point (AP)
–
Station (STA)
–
Wi-Fi Direct® (only supported on 2.4 GHz)
– Security:
–
WEP
–
WPA™/ WPA2™ PSK
–
WPA2 Enterprise
– Internet and application protocols:
– HTTPs server, mDNS, DNS-SD, DHCP
– IPv4 and IPv6 TCP/IP stack
– 16 BSD sockets (fully secured TLS v1.2 and
SSL 3.0)
– Built-in power management subsystem:
– Configurable low-power profiles (always on,
intermittently connected, tag)
– Advanced low-power modes
– Integrated DC/DC regulators
• Multilayered security features:
– Separate execution environments
– Networking security
– Device identity and key
– Hardware accelerator cryptographic engines
(AES, DES, SHA/MD5, CRC)
– File system security (encryption, authentication,
access control)
– Initial secure programming
– Software tamper detection
– Secure boot
– Certificate signing request (CSR)
– Unique per device key pair
• Application throughput
– UDP: 16 Mbps
– TCP: 13 Mbps
• Power-Management Subsystem:
– Integrated DC/DC converters support a wide
range of supply voltage:
– Single wide-voltage supply, VBAT: 2.3 V to
3.6 V
– Advanced low-power modes:
– Shutdown: 1 µA, Hibernate: 5.5 µA
– Low-power deep sleep (LPDS): 120 µA
– Idle connected (MCU in LPDS): 710 µA
– RX traffic (MCU active): 59 mA
– TX traffic (MCU active): 223 mA
– Wi-Fi TX power
– 2.4 GHz: 16 dBm at 1 DSSS
– 5 GHz: 15.1 dBm at 6 OFDM
– Wi-Fi RX sensitivity
– 2.4 GHz: –94.5 dBm at 1 DSSS
– 5 GHz: –89 dBm at 6 OFDM


Similar Part No. - CC3235MODAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3235MODS TI1-CC3235MODS Datasheet
1Mb / 98P
SimpleLinkTM Wi-Fi CERTIFIED Dual-Band Wireless MCU Module
CC3235MODS TI1-CC3235MODS Datasheet
2Mb / 106P
CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODSF TI1-CC3235MODSF Datasheet
1Mb / 98P
SimpleLinkTM Wi-Fi CERTIFIED Dual-Band Wireless MCU Module
CC3235MODSF TI1-CC3235MODSF Datasheet
2Mb / 106P
CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODSF12MOB TI1-CC3235MODSF12MOB Datasheet
2Mb / 106P
CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results

Similar Description - CC3235MODAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MOD TI1-CC3220MOD_17 Datasheet
1Mb / 88P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3235MODS TI1-CC3235MODS Datasheet
1Mb / 98P
SimpleLinkTM Wi-Fi CERTIFIED Dual-Band Wireless MCU Module
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com