Electronic Components Datasheet Search
  English  ▼

X  

EM78P258NN Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P258NN
Description  8-Bit Microprocessor with OTP ROM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P258NN Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P258NN Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
EM78P258N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 29
(This specification is subject to change without further notice)
6.4.1 Usage of Port 5 Input Change Wake-up/Interrupt Function
(1) Wake-up
(2) Wake-up and Interrupt
(a) Before SLEEP
(a) Before SLEEP
1. Disable WDT
1. Disable WDT
2. Read I/O Port 5 (MOV R5,R5)
2. Read I/O Port 5 (MOV R5,R5)
3. Execute "ENI" or "DISI"
3. Execute "ENI" or "DISI"
4. Enable wake-up bit (Set RE ICWE =1)
4. Enable wake-up bit (Set RE ICWE =1)
5. Execute "SLEP" instruction
5. Enable interrupt (Set IOCF0 ICIE =1)
(b) After wake-up
6. Execute "SLEP" instruction
→ Next instruction
(b) After wake-up
1. IF "ENI"
→ Interrupt vector (006H)
2. IF "DISI"
→ Next instruction
(3) Interrupt
(a) Before Port 5 pin change
1. Read I/O Port 5 (MOV R5,R5)
2. Execute "ENI" or "DISI"
3. Enable interrupt (Set IOCF0 ICIE =1)
(b) After Port 5 pin changed (interrupt)
1. IF "ENI"
→ Interrupt vector (006H)
2. IF "DISI"
→ Next instruction
6.5
RESET and Wake-up
6.5.1 RESET and Wake-up Operation
A RESET is initiated by one of the following events:
1. Power-on reset
2. /RESET pin input "low"
3. WDT time-out (if enabled).
The device is kept under RESET condition for a period of approximately 18ms
3 (except
in LXT mode ) after the reset is detected. When in LXT mode, the reset time is 500ms.
Two choices (18ms
3 or 4.5ms4) are available for WDT-time out period. Once RESET
occurs, the following functions are performed (the initial address is 000h):
The oscillator continues running, or will be started (if under sleep mode)
The Program Counter (R2) is set to all "0"
All I/O port pins are configured as input mode (high-impedance state)
The Watchdog Timer and prescaler are cleared
When power is switched on, the upper 3 bits of R3 is cleared
The CONT register bits are set to all "1" except for the Bit 6 (INT flag)
The IOCB0 register bits are set to all "1"
VDD=5V, WDT Time-out period = 16.5ms ± 30%.
VDD=3V, WDT Time-out period = 18ms ± 30%.
5V, WDT Time-out period = 4.2ms ± 30%.
VDD=3V, WDT Time-out period = 4.5ms ± 30%.
3
4
VDD=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com