Electronic Components Datasheet Search
  English  ▼

X  

EM78P258NN Datasheet(PDF) 72 Page - ELAN Microelectronics Corp

Part # EM78P258NN
Description  8-Bit Microprocessor with OTP ROM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P258NN Datasheet(HTML) 72 Page - ELAN Microelectronics Corp

Back Button EM78P258NN Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 69Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 76Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
EM78P258N
8-Bit Microprocessor with OTP ROM
66
•
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
Instruction Binary HEX Mnemonic
Operation
Status Affected
0 0111 11rr rrrr
07rr
JZ R
R+1
→ R, skip if zero
None
0 100b bbrr rrrr
0xxx
BC R,b
0
→ R(b)
None
2
0 101b bbrr rrrr
0xxx
BS R,b
1
→ R(b)
None
3
0 110b bbrr rrrr
0xxx
JBC R,b
if R(b)=0, skip
None
0 111b bbrr rrrr
0xxx
JBS R,b
if R(b)=1, skip
None
1 00kk kkkk kkkk
1kkk
CALL k
PC+1
→ [SP],(Page, k) → PC
None
1 01kk kkkk kkkk
1kkk
JMP k
(Page, k)
→ PC
None
1 1000 kkkk kkkk
18kk
MOV A,k
k
→ A
None
1 1001 kkkk kkkk
19kk
OR A,k
A
∨ k → A
Z
1 1010 kkkk kkkk
1Akk AND A,k
A & k
→ A
Z
1 1011 kkkk kkkk
1Bkk XOR A,k
A
⊕ k → A
Z
1 1100 kkkk kkkk
1Ckk RETL k
k
→ A,[Top of Stack] → PC
None
1 1101 kkkk kkkk
1Dkk SUB A,k
k-A
→ A
Z,C,DC
1 1111 kkkk kkkk
1Fkk ADD A,k
k+A
→ A
Z,C,DC
1 This instruction is applicable to IOC50 ~ IOCF0, IOC51 ~ IOCC1 only.
2 This instruction is not recommended for RF operation.
3 This instruction cannot operate under RF.
7
Absolute Maximum Ratings
Items
Rating
Temperature under bias
-40
°C
to
85
°C
Storage temperature
-65
°C
to
150
°C
Input voltage
Vss-0.3V
to
Vdd+0.5V
Output voltage
Vss-0.3V
to
Vdd+0.5V
Working Voltage
2.5V
to
5.5V
Working Frequency
DC
to
20MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com