Electronic Components Datasheet Search
  English  ▼

X  

EM78P258NN Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part # EM78P258NN
Description  8-Bit Microprocessor with OTP ROM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P258NN Datasheet(HTML) 53 Page - ELAN Microelectronics Corp

Back Button EM78P258NN Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 57Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
EM78P258N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 47
(This specification is subject to change without further notice)
NOTE
In order to obtain accurate values, it is necessary to avoid any data transition
on I/O pins during AD conversion.
6.7.6.2 Sample Demo Programs
A. Define a General Registers
R_0 == 0
; Indirect addressing register
PSW == 3
; Status register
PORT5 == 5
PORT6 == 6
R
_E== 0XE
; Interrupt status register
B. Define a Control Register
IOC50 == 0X5
; Control Register of Port 5
IOC60 == 0X6
; Control Register of Port 6
C_INT== 0XF
; Interrupt Control Register
C. ADC Control Register
ADDATA == 0xB
; The contents are the results of ADC
AISR == 0x08
; ADC input select register
ADCON == 0x9
; VREFS CKR1 CKR0 ADRUN ADPD ADIS2 ADIS1 ADIS0
;
7
6
5
4
3
2
1
0
D. Define Bits in ADCON
ADRUN == 0x4
; ADC is executed as the bit is set
ADPD == 0x3
; Power Mode of ADC
E. Program Starts
ORG 0
; Initial address
JMP INITIAL
;
ORG 0x0C
; Interrupt vector
JMP CLRRE
;
;
;(User program section)
;
;
CLRRE:
MOV A,RE
AND A, @0BXX0XXXXX
; To clear the ADIF bit, “X” by application
MOV RE,A
BS ADCON, ADRUN
; To start to execute the next AD conversion
if necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com