Electronic Components Datasheet Search
  English  ▼

X  

EM78P258NN Datasheet(PDF) 65 Page - ELAN Microelectronics Corp

Part # EM78P258NN
Description  8-Bit Microprocessor with OTP ROM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P258NN Datasheet(HTML) 65 Page - ELAN Microelectronics Corp

Back Button EM78P258NN Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 68Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 69Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
EM78P258N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 59
(This specification is subject to change without further notice)
The RC Oscillator frequencies:
Cext
Rext
Average Fosc 5V,25
°C
Average Fosc 3V,25
°C
3.3k
3.5 MHz
3.2 MHz
5.1k
2.5 MHz
2.3 MHz
10k
1.30 MHz
1.25 MHz
20 pF
100k
140 KHz
140 KHz
3.3k
1.27 MHz
1.21 MHz
5.1k
850 KHz
820 KHz
10k
450 KHz
450 KHz
100 pF
100k
48 KHz
50 KHz
3.3k
560 KHz
540 KHz
5.1k
370 KHz
360 KHz
10k
196 KHz
192 KHz
300 pF
100k
20 KHz
20 KHz
NOTE: 1. Measured on DIP packages
2. Design reference only
3. The frequency drift is about ±30%
6.10.4
Internal RC Oscillator Mode
EM78P258N offers a versatile internal RC mode with default frequency value of 4MHz.
Internal RC oscillator mode has other frequencies (1MHz, 8MHz, and 455KHz) that can
be set by CODE OPTION (WORD1), RCM1, and RCM0. Table below describes the
EM78P258N internal RC drift with the variation of voltage, temperature, and process.
Internal RC Drift Rate (Ta=25℃, VDD=5V±5%, VSS=0V)
Drift Rate
Internal
RC Frequency
Temperature
(-40℃~+80℃)
Voltage
(2.3V~5.5V)
Process
Total
4MHz
±10%
±5%
±4%
±19%
8MHz
±10%
±6%
±4%
±20%
1MHz
±10%
±5%
±4%
±19%
455MHz
±10%
±5%
±4%
±19%
Theoretical values, for reference only. Actual values may vary depending on actual process.
6.11 Power-on Considerations
Any microcontroller is not warranted to start operating properly before the power supply
stabilizes in steady state. The EM78P258N POR voltage range is 1.9 ~ 2.1V. Under
customer application, when power is switched OFF, Vdd must drop below 1.9V and
remains at OFF state for 10
µs before power can be switched ON again. Subsequently,
the EM78P258N will reset and work normally. The extra external reset circuit will work
well if Vdd rises fast enough (50ms or less). However, under critical applications, extra
devices are still required to assist in solving power-on problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com