Electronic Components Datasheet Search
  English  ▼

X  

EM78P258NN Datasheet(PDF) 74 Page - ELAN Microelectronics Corp

Part # EM78P258NN
Description  8-Bit Microprocessor with OTP ROM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P258NN Datasheet(HTML) 74 Page - ELAN Microelectronics Corp

Back Button EM78P258NN Datasheet HTML 70Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 71Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 72Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 73Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 74Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 75Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 76Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 77Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 78Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
EM78P258N
8-Bit Microprocessor with OTP ROM
68
•
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
ICC2
Operating supply current
at two clocks (VDD to 3V)
/RESET= 'High', Fosc=32KHz
(Crystal type,CLKS="0"), output
pin floating, WDT enabled
25
35
µA
ICC3
Operating supply current
at two clocks
/RESET= 'High', Fosc=4MHz
(Crystal type, CLKS="0"), output
pin floating, WDT enabled
1.9
2.2
mA
ICC4
Operating supply current
at two clocks
/RESET= 'High', Fosc=10MHz
(Crystal type, CLKS="0"), output
pin floating, WDT enabled
3.0
3.5
mA
NOTE: 1. These parameters are hypothetical (not tested) and are provided for design reference use only.
2. Data under minimum, typical, & maximum (Min, Typ, & Max) columns are based on hypothetical
results at 25℃. These data are for design guidance only.
8.1
AD Converter Characteristics
(Vdd=2.5V to 5.5V, Vss=0V, Ta=25℃)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VAREF
2.5
–
Vdd
V
VASS
Analog reference voltage
VAREF - VASS≧2.5V
Vss
–
Vss
V
VAI
Analog input voltage
–
VASS
–
VAREF
V
Ivdd
750
850
1000
uA
IAI1
Ivref
Analog supply current
Vdd=VAREF=5.0V, VASS
=0.0V(V reference from Vdd)
–10
0
+10
uA
Ivdd
500
600
820
uA
IAI2
IVref
Analog supply current
Vdd=VAREF=5.0V, VASS=0.0V
(V reference from VREF)
200
250
300
uA
IOP
OP current
Vdd=5.0V, OP used
Output voltage swing 0.2V to
4.8V
450
550
650
uA
RN
Resolution
Vdd=VAREF=5.0V, VASS =0.0V
10
11
–
Bits
LN
Linearity error
Vdd = 2.5 to 5.5V Ta=25℃
0
±4
±8
LSB
DNL
Differential nonlinear error
Vdd = 2.5 to 5.5V Ta=25℃
0
±0.5
±0.9
LSB
FSE
Full scale error
Vdd=VAREF=5.0V, VASS =0.0V
±0
±4
±8
LSB
OE
Offset error
Vdd=VAREF=5.0V, VASS =0.0V
±0
±2
±4
LSB
ZAI
Recommended impedance of
analog voltage source
–
0
8
10
KΩ
TAD
ADC clock period
Vdd=VAREF=5.0V, VASS =0.0V
4
–
–
us
TCN
AD conversion time
Vdd=VAREF=5.0V, VASS =0.0V
15
–
15
TAD
ADIV
ADC OP input voltage range
Vdd=VAREF=5.0V, VASS =0.0V
0
–
VAREF
V
0
0.2
0.3
ADOV
ADC OP output voltage swing
Vdd=VAREF=5.0V, VASS
=0.0V,RL=10KΩ
4.7
4.8
5
V
ADSR
ADC OP slew rate
Vdd=VAREF=5.0V, VASS =0.0V
0.1
0.3
–
V/us
PSR
Power Supply Rejection
Vdd=5.0V±0.5V
±0
–
±2
LSB
NOTE: 1. These parameters are hypothetical (not tested) and are provided for design reference use only.
2. There is no current consumption when ADC is off other than minor leakage current.
3. AD conversion result will not decrease when the increase of input voltage and no missing code
will result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com