Electronic Components Datasheet Search
  English  ▼

X  

EM78P258NN Datasheet(PDF) 63 Page - ELAN Microelectronics Corp

Part # EM78P258NN
Description  8-Bit Microprocessor with OTP ROM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P258NN Datasheet(HTML) 63 Page - ELAN Microelectronics Corp

Back Button EM78P258NN Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 67Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
EM78P258N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 57
(This specification is subject to change without further notice)
In the most applications, Pin OSCI and Pin OSCO can be connected with a crystal or
ceramic resonator to generate oscillation. Fig. 6-14 below depicts such circuit. The
same applies to the HXT mode and the LXT mode.
OSCI
EM78P258N
OSCO
XTAL
RS
C2
C1
Fig. 6-14 Crystal/Resonator Circuit
The following table provides the recommended values for C1 and C2. Since each
resonator has its own attribute, you should refer to the resonator specifications for
appropriate values of C1 and C2. RS, a serial resistor, may be required for AT strip cut
crystal or low frequency mode.
Capacitor selection guide for crystal oscillator or ceramic resonators:
Oscillator Type
Frequency Mode
Frequency
C1(pF)
C2(pF)
455 kHz
100~150
100~150
2.0 MHz
20~40
20~40
Ceramic Resonators
HXT
4.0 MHz
10~30
10~30
32.768kHz
25
15
100KHz
25
25
LXT
200KHz
25
25
455KHz
20~40
20~150
1.0MHz
15~30
15~30
2.0MHz
15
15
Crystal Oscillator
HXT
4.0MHz
15
15
Circuit diagrams for serial and parallel modes Crystal/Resonator:
OSCI
EM78P258N
C
7404
330
330
XTAL
7404
7404
Fig. 6-15 Serial Mode Crystal/Resonator Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com