Electronic Components Datasheet Search
  English  ▼

X  

EM78P258NN Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM78P258NN
Description  8-Bit Microprocessor with OTP ROM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P258NN Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM78P258NN Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
EM78P258N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 39
(This specification is subject to change without further notice)
6.5.2 The T and P Status under STATUS (R3) Register
A RESET condition is initiated by one of the following events:
1. Power-on reset
2. /RESET pin input "low"
3. WDT time-out (if enabled).
The values of RST, T, and P as listed in the table below, are used to check how the
processor wakes up.
Reset Type
RST
T
P
Power-on
0
1
1
/RESET during Operating mode
0
*P
*P
/RESET wake-up during SLEEP mode
0
1
0
WDT during Operating mode
0
0
1
WDT wake-up during SLEEP mode
0
0
0
Wake-up on pin change during SLEEP mode
1
1
0
*P: Previous status before reset
The following shows the events that may affect the status of T and P.
Event
RST
T
P
Power-on
0
1
1
WDTC instruction
*P
1
1
WDT time-out
0
0
*P
SLEP instruction
*P
1
0
Wake-up on pin changed during SLEEP mode
1
1
0
*P: Previous value before reset
6.6
Interrupt
The EM78P258N has five interrupts as listed below:
1. TCC, TCCA, TCCB, TCCC overflow interrupt
2. Port 5 Input Status Change Interrupt
3. External interrupt [(P60, /INT) pin]
4. Analog to Digital conversion completed
5. IR/PWM underflow interrupt
Before the Port 5 Input Status Change Interrupt is enabled, reading Port 5 (e.g. "MOV
R5,R5") is necessary. Each Port 5 pin will have this feature if its status changes. The
Port 5 Input Status Change Interrupt will wake-up the EM78P258N from the sleep
mode if it is enabled prior to going into the sleep mode by executing SLEP instruction.
When wake-up occurs, the controller will continue to execute program in-line if the
global interrupt is disabled. If enabled, the global interrupt will branch out to the
interrupt vector 006H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com