Electronic Components Datasheet Search
  English  ▼

X  

EM78P258NN Datasheet(PDF) 62 Page - ELAN Microelectronics Corp

Part # EM78P258NN
Description  8-Bit Microprocessor with OTP ROM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P258NN Datasheet(HTML) 62 Page - ELAN Microelectronics Corp

Back Button EM78P258NN Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P258NN Datasheet HTML 66Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
EM78P258N
8-Bit Microprocessor with OTP ROM
56
•
Product Specification (V1.0) 06.16.2005
(This specification is subject to change without further notice)
The Oscillator modes defined by OSC2, OCS1, and OSC0 are described below.
Oscillator Modes
OSC2
OSC1
OSC0
ERC
1 (External RC oscillator mode); P70/OSCO acts as P70
0
0
0
ERC
1 (External RC oscillator mode); P70/OSCO acts as OSCO
0
0
1
IRC
2 (Internal RC oscillator mode); P70/OSCO acts as P70
0
1
0
IRC
2 (Internal RC oscillator mode); P70/OSCO acts as OSCO
0
1
1
LXT
3 (Low XTAL oscillator mode)
1
1
0
HXT
3 High XTAL oscillator mode) (default)
1
1
1
1 Under ERC mode, OSCI is used as oscillator pin. OSCO/P70 is defined by code
option WORD0 Bit6 ~ Bit4.
2 Under IRC mode, P55 is normal I/O pin. OSCO/P70 is defined by code
option WORD0 Bit6 ~ Bit4.
3 Under LXT and HXT modes; OSCI and OSCO are used as oscillator pins. These
pins and cannot and should not be defined as normal I/O pins.
NOTE
The transient point of system frequency between HXT and LXY is around 400 KHz.
The maximum operating frequency limit of crystal/resonator at different VDDs, are as
follows:
Conditions
VDD
Max. Freq. (MHz)
2.3
4
3.0
8
Two clocks
5.0
20
6.10.2
Crystal Oscillator/Ceramic Resonators (XTAL)
EM78P258N can be driven by an external clock signal through the OSCI pin as
illustrated below.
OSCI
OSCO
EM78P258N
Fig. 6-13 External Clock Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com