Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 115 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 115 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 111Page - Texas Instruments PCI6621 Datasheet HTML 112Page - Texas Instruments PCI6621 Datasheet HTML 113Page - Texas Instruments PCI6621 Datasheet HTML 114Page - Texas Instruments PCI6621 Datasheet HTML 115Page - Texas Instruments PCI6621 Datasheet HTML 116Page - Texas Instruments PCI6621 Datasheet HTML 117Page - Texas Instruments PCI6621 Datasheet HTML 118Page - Texas Instruments PCI6621 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 204 page
background image
5−3
Table 5−1. ExCA Registers and Offsets
EXCA REGISTER NAME
PCI MEMORY ADDRESS
OFFSET (HEX)
EXCA OFFSET
(CARD A)
EXCA OFFSET
(CARD B)
Identification and revision ‡
800
00
40
Interface status
801
01
41
Power control †
802†
02
42
Interrupt and general control †
803†
03
43
Card status change †
804†
04
44
Card status change interrupt configuration †
805†
05
45
Address window enable
806
06
46
I / O window control
807
07
47
I / O window 0 start-address low-byte
808
08
48
I / O window 0 start-address high-byte
809
09
49
I / O window 0 end-address low-byte
80A
0A
4A
I / O window 0 end-address high-byte
80B
0B
4B
I / O window 1 start-address low-byte
80C
0C
4C
I / O window 1 start-address high-byte
80D
0D
4D
I / O window 1 end-address low-byte
80E
0E
4E
I / O window 1 end-address high-byte
80F
0F
4F
Memory window 0 start-address low-byte
810
10
50
Memory window 0 start-address high-byte
811
11
51
Memory window 0 end-address low-byte
812
12
52
Memory window 0 end-address high-byte
813
13
53
Memory window 0 offset-address low-byte
814
14
54
Memory window 0 offset-address high-byte
815
15
55
Card detect and general control †
816
16
56
Reserved
817
17
57
Memory window 1 start-address low-byte
818
18
58
Memory window 1 start-address high-byte
819
19
59
Memory window 1 end-address low-byte
81A
1A
5A
Memory window 1 end-address high-byte
81B
1B
5B
Memory window 1 offset-address low-byte
81C
1C
5C
Memory window 1 offset-address high-byte
81D
1D
5D
Global control ‡
81E
1E
5E
Reserved
81F
1F
5F
Memory window 2 start-address low-byte
820
20
60
Memory window 2 start-address high-byte
821
21
61
Memory window 2 end-address low-byte
822
22
62
Memory window 2 end-address high-byte
823
23
63
Memory window 2 offset-address low-byte
824
24
64
Memory window 2 offset-address high-byte
825
25
65
† One or more bits in this register are cleared only by the assertion of GRST when PME is enabled. If PME is not enabled, then this bit is cleared
by the assertion of PRST or GRST.
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com