Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 118 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 118 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 114Page - Texas Instruments PCI6621 Datasheet HTML 115Page - Texas Instruments PCI6621 Datasheet HTML 116Page - Texas Instruments PCI6621 Datasheet HTML 117Page - Texas Instruments PCI6621 Datasheet HTML 118Page - Texas Instruments PCI6621 Datasheet HTML 119Page - Texas Instruments PCI6621 Datasheet HTML 120Page - Texas Instruments PCI6621 Datasheet HTML 121Page - Texas Instruments PCI6621 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 204 page
background image
5−6
5.2
ExCA Interface Status Register
This register provides information on current status of the PC Card interface. An X in the default bit values indicates
that the value of the bit after reset depends on the state of the PC Card interface. See Table 5−3 for a complete
description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA interface status
Type
R
R
R
R
R
R
R
R
Default
0
0
X
X
X
X
X
X
Register:
ExCA interface status
Offset:
CardBus Socket Address + 801h:
Card A ExCA Offset 01h
Card B ExCA Offset 41h
Type:
Read-only
Default:
00XX XXXXb
Table 5−3. ExCA Interface Status Register Description
BIT
SIGNAL
TYPE
FUNCTION
7
RSVD
R
This bit returns 0 when read. A write has no effect.
6
CARDPWR
R
CARDPWR. Card power. This bit indicates the current power status of the PC Card socket. This bit reflects
how the ExCA power control register has been programmed. The bit is encoded as:
0 = VCC and VPP to the socket are turned off (default).
1 = VCC and VPP to the socket are turned on.
5
READY
R
This bit indicates the current status of the READY signal at the PC Card interface.
0 = PC Card is not ready for a data transfer.
1 = PC Card is ready for a data transfer.
4
CARDWP
R
Card write protect. This bit indicates the current status of the WP signal at the PC Card interface. This signal
reports to the PCI6x21/PCI6x11 controller whether or not the memory card is write protected. Further, write
protection for an entire PCI6x21/PCI6x11 16-bit memory window is available by setting the appropriate bit
in the ExCA memory window offset-address high-byte register.
0 = WP signal is 0. PC Card is R/W.
1 = WP signal is 1. PC Card is read-only.
3
CDETECT2
R
Card detect 2. This bit indicates the status of the CD2 signal at the PC Card interface. Software can use
this and CDETECT1 to determine if a PC Card is fully seated in the socket.
0 = CD2 signal is 1. No PC Card inserted.
1 = CD2 signal is 0. PC Card at least partially inserted.
2
CDETECT1
R
Card detect 1. This bit indicates the status of the CD1 signal at the PC Card interface. Software can use
this and CDETECT2 to determine if a PC Card is fully seated in the socket.
0 = CD1 signal is 1. No PC Card inserted.
1 = CD1 signal is 0. PC Card at least partially inserted.
1−0
BVDSTAT
R
Battery voltage detect. When a 16-bit memory card is inserted, the field indicates the status of the battery
voltage detect signals (BVD1, BVD2) at the PC Card interface, where bit 0 reflects the BVD1 status, and
bit 1 reflects BVD2.
00 = Battery is dead.
01 = Battery is dead.
10 = Battery is low; warning.
11 = Battery is good.
When a 16-bit I/O card is inserted, this field indicates the status of the SPKR (bit 1) signal and the STSCHG
(bit 0) at the PC Card interface. In this case, the two bits in this field directly reflect the current state of these
card outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com