Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 119 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 119 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 115Page - Texas Instruments PCI6621 Datasheet HTML 116Page - Texas Instruments PCI6621 Datasheet HTML 117Page - Texas Instruments PCI6621 Datasheet HTML 118Page - Texas Instruments PCI6621 Datasheet HTML 119Page - Texas Instruments PCI6621 Datasheet HTML 120Page - Texas Instruments PCI6621 Datasheet HTML 121Page - Texas Instruments PCI6621 Datasheet HTML 122Page - Texas Instruments PCI6621 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 204 page
background image
5−7
5.3
ExCA Power Control Register
This register provides PC Card power control. Bit 7 of this register enables the 16-bit outputs on the socket interface,
and can be used for power management in 16-bit PC Card applications. See Table 5−5 for a complete description
of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA power control
Type
RW
R
R
RW
RW
R
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA power control
Offset:
CardBus Socket Address + 802h:
Card A ExCA Offset 02h
Card B ExCA Offset 42h
Type:
Read-only, Read/Write
Default:
00h
Table 5−4. ExCA Power Control Register Description—82365SL Support
BIT
SIGNAL
TYPE
FUNCTION
7
COE
RW
Card output enable. Bit 7 controls the state of all of the 16-bit outputs on the PCI6x21/PCI6x11 controller.
This bit is encoded as:
0 = 16-bit PC Card outputs disabled (default)
1 = 16-bit PC Card outputs enabled
6
RSVD
R
Reserved. Bit 6 returns 0 when read.
5 †
AUTOPWRSWEN
RW
Auto power switch enable.
0 = Automatic socket power switching based on card detects is disabled.
1 = Automatic socket power switching based on card detects is enabled.
4
CAPWREN
RW
PC Card power enable.
0 = VCC = No connection
1 = VCC is enabled and controlled by bit 2 (EXCAPOWER) of the system control register
(PCI offset 80h, see Section 4.29).
3−2
RSVD
R
Reserved. Bits 3 and 2 return 0s when read.
1−0
EXCAVPP
RW
PC Card VPP power control. Bits 1 and 0 are used to request changes to card VPP. The PCI6x21/PCI6x11
controller ignores this field unless VCC to the socket is enabled. This field is encoded as:
00 = No connection (default)
10 = 12 V
01 = VCC
11 = Reserved
† One or more bits in this register are cleared only by the assertion of GRST when PME is enabled. If PME is not enabled, then this bit is cleared
by the assertion of PRST or GRST.
Table 5−5. ExCA Power Control Register Description—82365SL-DF Support
BIT
SIGNAL
TYPE
FUNCTION
7 †
COE
RW
Card output enable. This bit controls the state of all of the 16-bit outputs on the PCI6x21/PCI6x11 controller.
This bit is encoded as:
0 = 16-bit PC Card outputs are disabled (default).
1 = 16-bit PC Card outputs are enabled.
6−5
RSVD
R
Reserved. These bits return 0s when read. Writes have no effect.
4−3 †
EXCAVCC
RW
VCC. These bits are used to request changes to card VCC. This field is encoded as:
00 = 0 V (default)
10 = 5 V
01 = 0 V reserved
11 = 3.3 V
2
RSVD
R
This bit returns 0 when read. A write has no effect.
1−0 †
EXCAVPP
RW
VPP. These bits are used to request changes to card VPP. The PCI6x21/PCI6x11 controller ignores this
field unless VCC to the socket is enabled (i.e., 5 Vdc or 3.3 Vdc). This field is encoded as:
00 = 0 V (default)
10 = 12 V
01 = VCC
11 = 0 V reserved
† This bit is cleared only by the assertion of GRST when PME is enabled. If PME is not enabled, then this bit is cleared by the assertion of PRST
or GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com