Electronic Components Datasheet Search
  English  ▼

X  

PCI6621 Datasheet(PDF) 172 Page - Texas Instruments

Part # PCI6621
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 Datasheet(HTML) 172 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 168Page - Texas Instruments PCI6621 Datasheet HTML 169Page - Texas Instruments PCI6621 Datasheet HTML 170Page - Texas Instruments PCI6621 Datasheet HTML 171Page - Texas Instruments PCI6621 Datasheet HTML 172Page - Texas Instruments PCI6621 Datasheet HTML 173Page - Texas Instruments PCI6621 Datasheet HTML 174Page - Texas Instruments PCI6621 Datasheet HTML 175Page - Texas Instruments PCI6621 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 204 page
background image
8−12
8.18 Power Management Capabilities Register
The power management capabilities register indicates the capabilities of the SD host controller related to PCI power
management. See Table 8−13 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management capabilities
Type
RU
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
0
Register:
Power management capabilities
Offset:
82h
Type:
Read/Update, Read-only
Default:
7E02h
Table 8−13. Power Management Capabilities Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15
PME_D3COLD
RU
PME support from D3cold. This bit can be set to 1 or cleared to 0 via bit 4 (D3_COLD) in the general
control register at offset 88h in the PCI configuration space (see Section 8.22). When this bit is set to
1, it indicates that the SD host controller is capable of generating a PME wake event from D3cold. This
bit state is dependent upon the SD host controller VAUX implementation and may be configured by
using bit 4 (D3_COLD) in the general control register (see Section 8.22).
14−11
PME_SUPPORT
R
PME support. This 4-bit field indicates the power states from which the SD host controller may assert
PME. This field returns a value of 1111b by default, indicating that PME may be asserted from
the D3hot, D2, D1, and D0 power states.
10
D2_SUPPORT
R
D2 support. Bit 10 is hardwired to 1, indicating that the SD host controller supports the D2 power state.
9
D1_SUPPORT
R
D1 support. Bit 9 is hardwired to 1, indicating that the SD host controller supports the D1 power state.
8−6
AUX_CURRENT
R
3.3-VAUX auxiliary current requirements. This requirement is design dependent.
5
DSI
R
Device-specific initialization. This bit returns 0 when read, indicating that the SD host controller does
not require special initialization beyond the standard PCI configuration header before a generic class
driver is able to use it.
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3
PME_CLK
R
PME clock. This bit returns 0 when read, indicating that the PCI clock is not required for the SD host
controller to generate PME.
2−0
PM_VERSION
R
Power-management version. This field returns 010b when read, indicating that the SD host controller
is compatible with the registers described in the PCI Bus Power Management Interface Specification
(Revision 1.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com