Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 161 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 161 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 157Page - Texas Instruments PCI6421 Datasheet HTML 158Page - Texas Instruments PCI6421 Datasheet HTML 159Page - Texas Instruments PCI6421 Datasheet HTML 160Page - Texas Instruments PCI6421 Datasheet HTML 161Page - Texas Instruments PCI6421 Datasheet HTML 162Page - Texas Instruments PCI6421 Datasheet HTML 163Page - Texas Instruments PCI6421 Datasheet HTML 164Page - Texas Instruments PCI6421 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 204 page
background image
8−1
8 SD Host Controller Programming Model
This section describes the internal PCI configuration registers used to program the PCI6x21/PCI6x11 SD host
controller interface. All registers are detailed in the same format: a brief description for each register is followed by
the register offset and a bit table describing the reset state for each register.
A bit description table, typically included when the register contains bits of more than one type or purpose, indicates
bit field names, a detailed field description, and field access tags which appear in the type column. Table 4−1
describes the field access tags.
The PCI6x21/PCI6x11 controller is a multifunction PCI device. The SD host controller core is integrated as PCI
function 4. The function 4 configuration header is compliant with the PCI Local Bus Specification as a standard
header. Table 8−1 illustrates the configuration header that includes both the predefined portion of the configuration
space and the user-definable registers.
Table 8−1. Function 4 Configuration Register Map
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status
Command
04h
Class code
Revision ID
08h
BIST
Header type
Latency timer
Cache line size
0Ch
Slot 0 base address
10h
Slot 1 base address
14h
Slot 2 base address
18h
Reserved
1Ch−28h
Subsystem ID ‡
Subsystem vendor ID ‡
2Ch
Reserved
30h
Reserved
PCI power
management
capabilities pointer
34h
Reserved
38h
Maximum latency
Minimum grant
Interrupt pin
Interrupt line
3Ch
Reserved
Slot information
40h
Reserved
44h−7Ch
Power management capabilities
Next item pointer
Capability ID
80h
PM data
(Reserved)
PMCSR_BSE
Power management control and status ‡
84h
Reserved
General control ‡
88h
Subsystem alias
8Ch
Diagnostic ‡
90h
Reserved
Slot 0 3.3-V
maximum current
94h
Reserved
Slot 1 3.3-V
maximum current
98h
Reserved
Slot 2 3.3-V
maximum current
9Ch
Reserved
A0h−FCh
‡ One or more bits in this register are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com