Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 165 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 165 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 161Page - Texas Instruments PCI6421 Datasheet HTML 162Page - Texas Instruments PCI6421 Datasheet HTML 163Page - Texas Instruments PCI6421 Datasheet HTML 164Page - Texas Instruments PCI6421 Datasheet HTML 165Page - Texas Instruments PCI6421 Datasheet HTML 166Page - Texas Instruments PCI6421 Datasheet HTML 167Page - Texas Instruments PCI6421 Datasheet HTML 168Page - Texas Instruments PCI6421 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 204 page
background image
8−5
8.5
Class Code and Revision ID Register
The class code and revision ID register categorizes the base class, subclass, and programming interface of the
function. The base class is 08h, identifying the controller as a generic system peripheral. The subclass is 05h,
identifying the function as an SD host controller. The programming interface is 01h, indicating that the function is a
standard SD host with DMA capabilities. Furthermore, the TI chip revision is indicated in the least significant byte
(00h). See Table 8−4 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Class code and revision ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
1
0
0
0
0
0
0
0
0
1
0
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Class code and revision ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
X
X
X
X
X
X
X
X
X
Register:
Class code and revision ID
Offset:
08h
Type:
Read-only
Default:
0805 0XXXh
Table 8−4. Class Code and Revision ID Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−24
BASECLASS
R
Base class. This field returns 08h when read, which broadly classifies the function as a generic system
peripheral.
23−16
SUBCLASS
R
Subclass. This field returns 05h when read, which specifically classifies the function as an SD host
controller.
15−8
PGMIF
R
Programming interface. If bit 0 (DMA_EN) in the general control register is 0, then this field returns 00h
when read to indicate that the function is a standard SD host without DMA capabilities. If the DMA_EN
bit is 1, then this field returns 01h when read to indicate that the function is a standard SD host with
DMA capabilities.
7−0
CHIPREV
R
Silicon revision. This field returns the silicon revision of the SD host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com