Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 198 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 198 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 194Page - Texas Instruments PCI6421 Datasheet HTML 195Page - Texas Instruments PCI6421 Datasheet HTML 196Page - Texas Instruments PCI6421 Datasheet HTML 197Page - Texas Instruments PCI6421 Datasheet HTML 198Page - Texas Instruments PCI6421 Datasheet HTML 199Page - Texas Instruments PCI6421 Datasheet HTML 200Page - Texas Instruments PCI6421 Datasheet HTML 201Page - Texas Instruments PCI6421 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 204 page
background image
10−2
Recommended Operating Conditions (continued)
OPERATION
MIN
NOM
MAX
UNIT
PCI
3.3 V
0.5 VCCP
VCCP
PCI
5 V
2
VCCP
V
High-level input
3.3 V CardBus
0.475 VCC(A/B)
VCC(A/B)
V
VIH†
High-level input
voltage
PC Card
3.3 V 16-bit
2
VCC(A/B)
V
VIH†
voltage
PC Card
5 V 16-bit
2.4
VCC(A/B)
V
PC(0−2)
0.7 VCC
VCC
V
Miscellaneous‡
2
VCC
V
PCI
3.3 V
0
0.3 VCCP
PCI
5 V
0
0.8
V
3.3 V CardBus
0
0.325 VCC(A/B)
V
VIL†
Low-level input voltage
PC Card
3.3 V 16-bit
0
0.8
V
VIL†
Low-level input voltage
PC Card
5 V 16-bit
0
0.8
V
PC(0−2)
0
0.2 VCC
V
Miscellaneous‡
0
0.8
V
PCI
0
VCCP
VI
Input voltage
PC Card
0
VCCCB
V
VI
Input voltage
Miscellaneous‡
0
VCC
V
PCI
0
VCC
VO§
Output voltage
PC Card
0
VCC
V
VO§
Output voltage
Miscellaneous‡
0
VCC
V
tt
Input transition time
PCI and PC Card
1
4
ns
tt
Input transition time
(tr and tf)
Miscellaneous‡
0
6
ns
IO
Output current
TPBIAS outputs
−5.6
1.3
mA
VID
Differential input
Cable inputs during data reception
118
260
mV
VID
Differential input
voltage
Cable inputs during arbitration
168
265
mV
VIC
Common-mode input
TPB cable inputs, source power node
0.4706
2.515
V
VIC
Common-mode input
voltage
TPB cable inputs, nonsource power node
0.4706
2.015¶
V
tPU
Powerup reset time
GRST input
2
ms
S100 operation
±1.08
Receive input jitter
TPA, TPB cable inputs
S200 operation
±0.5
ns
Receive input jitter
TPA, TPB cable inputs
S400 operation
±0.315
ns
Between TPA and TPB
S100 operation
±0.8
Receive input skew
Between TPA and TPB
cable inputs
S200 operation
±0.55
ns
Receive input skew
cable inputs
S400 operation
±0.5
ns
TA
Operating ambient temperature range
0
25
70
°C
TJ#
Virtual junction temperature
0
25
115
°C
† Applies to external inputs and bidirectional buffers without hysteresis
‡ Miscellaneous terminals are 1, 2, 12, 17, 111, 112, 125, 167, 181, and 187 for the PDV packaged device and B10, C09, D01, E03, F12, G03,
H02, L17, P17, and P18 for the GHK packaged device (CNA, SCL, SDA, SUSPEND, GRST, CDx, PHY_TEST_MA, and VSx terminals).
§ Applies to external output buffers
¶ For a node that does not source power, see Section 4.2.2.2 in IEEE Std 1394a−2000.
# These junction temperatures reflect simulation conditions. The customer is responsible for verifying junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com