Electronic Components Datasheet Search
  English  ▼

X  

PCI6421 Datasheet(PDF) 201 Page - Texas Instruments

Part # PCI6421
Description  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 Datasheet(HTML) 201 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 196Page - Texas Instruments PCI6421 Datasheet HTML 197Page - Texas Instruments PCI6421 Datasheet HTML 198Page - Texas Instruments PCI6421 Datasheet HTML 199Page - Texas Instruments PCI6421 Datasheet HTML 200Page - Texas Instruments PCI6421 Datasheet HTML 201Page - Texas Instruments PCI6421 Datasheet HTML 202Page - Texas Instruments PCI6421 Datasheet HTML 203Page - Texas Instruments PCI6421 Datasheet HTML 204Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 201 / 204 page
background image
10−5
10.6 Switching Characteristics for PHY Port Interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Jitter, transmit
Between TPA and TPB
±0.15
ns
Skew, transmit
Between TPA and TPB
±0.10
ns
tr
TP differential rise time, transmit
10% to 90%, at 1394 connector
0.5
1.2
ns
tf
TP differential fall time, transmit
90% to 10%, at 1394 connector
0.5
1.2
ns
10.7 Operating, Timing, and Switching Characteristics of XI
PARAMETER
MIN
TYP
MAX
UNIT
VDD
3.0
3.3
3.6
V (PLLVCC)
VIH
High-level input voltage
0.63 VCC
V
VIL
Low-level input voltage
0.33 VCC
V
Input clock frequency
24.576
MHz
Input clock frequency tolerance
<100
PPM
Input slew rate
0.2
4
V/ns
Input clock duty cycle
40%
60%
10.8 PCI Timing Requirements Over Recommended Ranges of Supply Voltage and
Operating Free-Air Temperature
This data manual uses the following conventions to describe time ( t ) intervals. The format is tA, where subscript A
indicates the type of dynamic parameter being represented. One of the following is used: tpd = propagation delay time,
td (ten, tdis) = delay time, tsu = setup time, and th = hold time.
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tpd
Propagation delay time, See Note 4
PCLK-to-shared signal
valid delay time
tval
CL = 50 pF,
11
ns
tpd
Propagation delay time, See Note 4
PCLK-to-shared signal
invalid delay time
tinv
CL = 50 pF,
See Note 4
2
ns
ten
Enable time, high impedance-to-active delay time from PCLK
ton
2
ns
tdis
Disable time, active-to-high impedance delay time from PCLK
toff
28
ns
tsu
Setup time before PCLK valid
tsu
7
ns
th
Hold time after PCLK high
th
0
ns
NOTE 4: PCI shared signals are AD31−AD0, C/BE3−C/BE0, FRAME, TRDY, IRDY, STOP, IDSEL, DEVSEL, and PAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com