Electronic Components Datasheet Search
  English  ▼

X  

EM78P809NP Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P809NP
Description  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809NP Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P809NP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
EM78P809N
8-Bit Microcontroller
Product Specification (V1.0) 07.26.2005
• 17
(This specification is subject to change without further notice)
•
TBKTC
− TBT/Keytone Control ( Address: 0Eh )
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TEN
TCK1
TCK0
0
TBTEN
TBTCK2
TBTCK1
TBTCK0
Bit 7 ( TEN ) :
Keytone enable control
TEN = “0” :
Disable
TEN = “1” :
Enable
Bit 6 ~ Bit 5 ( TCK1 ~ TCK0 )
: Keytone Output Clock Source Select
TCK1
TCK0
Clock Source
( Normal, Idle )
Keytone Output Frequency
( Fc = 8MHz )
0
0
Fc/2
13
0.976kHz
0
1
Fc/2
12
1.953kHz
1
0
Fc/2
11
3.906kHz
1
1
Fc/2
10
7.812kHz
Bit 3 ( TBTEN )
: Time Base Timer Enable Control
TBTEN = “0” :
Disable
TBTEN = “1” :
Enable
Bit 2 ~ Bit 0 ( TBTCK2 ~ TBTCK0 ) :
Time Base Timer Clock Source Select
TBTCK2
TBTCK1
TBTCK0
Clock Source
( Normal, Idle )
Interrupt Frequency
( Fc = 8MHz )
0
0
0
Fc/2
23
0.95Hz
0
0
1
Fc/2
21
3.81Hz
0
1
0
Fc/2
16
122.07Hz
0
1
1
Fc/2
14
488.28Hz
1
0
0
Fc/2
13
976.56Hz
1
0
1
Fc/2
12
1953.12Hz
1
1
0
Fc/2
11
3906.25Hz
1
1
1
Fc/2
9
15625Hz
•
Register Bank 2 ( R3 bits (7, 6) = (1, 0) )
•
URC1
− UART Control Register 1 ( Address: 05h )
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
URTD8
UMODE1 UMODE0
BRATE2
BRATE1
BRATE0
UTBE
TXE
Bit 7 ( URTD8 ) :
Transmission data bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com