Electronic Components Datasheet Search
  English  ▼

X  

EM78P809NP Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P809NP
Description  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809NP Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P809NP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
EM78P809N
8-Bit Microcontroller
Product Specification (V1.0) 07.26.2005
• 9
(This specification is subject to change without further notice)
Bit 3 (P) :
Power down bit. Set to “1” during power on or by a "WDTC" command
and reset to “0” by a "SLEP" command.
Bit 2 (Z) :
Zero flag. Set to "1" if the result of an arithmetic or logic operation is
zero.
Bit 1 (DC) :
Auxiliary carry flag
Bit 0 (C) :
Carry flag
•
R4/RSR
− RAM Select Register ( Address: 04h )
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GRBS1
RBS0
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
Bit 7: 6 ( GRBS1 : GRBS0 ) :
determine which general purpose banks are
activated among the 4 banks. Use BANK instruction (e.g. BABK 1) to
change bank.
GRBS1
GRBS0
General Purpose Register Bank (Address 20H ~ 3FH)
0
0
Bank 0
0
1
Bank 1
1
0
Bank 2
1
1
Bank 3
Bit 5: 0 ( RSR5 : RSR0 ) :
are used to select the registers (address: 00h~3Fh) in
the indirect addressing mode. If no indirect addressing is used, the RSR
can be used as an 8-bit general-purpose read/write register. See the
data memory configuration in Fig. 3.
•
Register Bank 0 ( R3 bits (7, 6) = (0, 0) )
•
SCR
− System Control Register, Program ROM Page Select ( Address: 05h )
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
PS2
PS1
PS0
0
1
SIS
REM
Bit 6 (PS2) ~ 4 (PS0) :
ROM Page select bits. User can use PAGE instruction (e.g.
PAGE 1) or set PS2~PS0 bits to change the ROM page. When
executing a "JMP", "CALL", or other instructions which cause the
program counter to change (e.g. MOV R2, A), PS2~PS0 are loaded into
the 13th to 11th bits of the program counter and select one of the
available program memory pages.
Note that RET (RETL, RETI)
instruction does not change the PS2~PS0 bits. That is, return will
always be to the page from where the subroutine was called, regardless
of the PS2~PS0 bits current setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com