Electronic Components Datasheet Search
  English  ▼

X  

EM78P809NP Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM78P809NP
Description  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809NP Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM78P809NP Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
EM78P809N
8-Bit Microcontroller
2
•
Product Specification (V1.0) 07.26.2005
(This specification is subject to change without further notice)
16 bits Counter/Timer
TC2: Timer/Counter/Window
8 bits Timer/Counter
TCC: 8-bit real time clock/counter with overflow interrupt
TC3: Timer/Counter/Capture
TC4: Timer/Counter/ PWM (pulse width modulation)/PDO (Programmable
divider output)
Time Base Timer: (1Hz ~16kHz at 8MHz)
Key tone output: (1kHz ~ 8kHz at 8MHz)
Serial transmitter/receiver interface
Serial Peripheral Interface (SPI): Three-wire synchronous communication
Universal asynchronous receiver transmitter interface (UART): Two wire
asynchronous communication
AD converter
8 channel 10 bits resolution AD converter
Operating mode:
Normal mode: Oscillation circuit turned on, CPU and Peripheral circuit in
operation
Idle mode: Oscillation circuit turned on, CPU halt and Peripheral circuit in
operation
Sleep mode: Oscillation circuit turned off, CPU and Peripheral circuit halt
Package types:
28-pin DIP 600 mil: EM78P809NP
28-pin SOP 300 mil: EM78P809NM
28-pin SSOP 209 mil: EM78P809NS
99.9% single instruction cycle commands
2.2 Applications
General purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com