Electronic Components Datasheet Search
  English  ▼

X  

EM78P809NP Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P809NP
Description  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809NP Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P809NP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
EM78P809N
8-Bit Microcontroller
Product Specification (V1.0) 07.26.2005
• 25
(This specification is subject to change without further notice)
External Interrupt
INT Pin
Secondary
Function Pin
Enable Condition
Edge
Digital Noise
Reject
/INT0
P60
ENI + INT0EN (IOCB)
Falling
-
INT1
P61
ENI + EXIE1 (IMR2)
Rising or Falling
15/Fc, 63/Fc
INT3
P80, TC3
ENI + EXIE3 (IMR2)
Rising or Falling or
Rising/Falling
7/Fc
/INT5
P73, /SLEEP
ENI + EXIE5 (IMR2)
-
•
ADOSCR
− AD Offset Control Register ( Address : 0Ch )
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CALI
SIGN
VOF[2]
VOF[1]
VOF[0]
0
0
0
Bit 7 (CALI)
: Calibration enable bit for A/D offset
CALI = “0” :
Calibration disable
CALI = “1” :
Calibration enable
Bit 6 ( SIGN ) :
Polarity bit of offset voltage
SIGN = “0” :
Negative voltage
SIGN = “1” :
Positive voltage
Bit 5 ~ Bit 3 ( VOF[2] ~ VOF[0] ) :
Offset voltage bits
•
IMR1
− Interrupt Mask Register 1 ( Address : 0Eh )
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EXIE5
TCIE2
ADIE
0
EXIE3
TCIE4
SPIE
TCIE3
Bit 7 ( EXIE5 ) :
External/INT5 pin Interrupt enable bit.
EXIE5 = “0” :
disable EXIF5 interrupt
EXIE5 = “1” :
enable EXIF5 interrupt
Bit 6 ( TCIE2 ) :
Timer/Counter 2 Interrupt enable bit.
TCIE2 = “0” :
disable TCIF2 interrupt
TCIE2 = “1” :
enable TCIF2 interrupt
Bit 5 ( ADIE ) :
ADC complete interrupt enable bit.
ADIE = “0” :
disable ADIF interrupt
ADIE = “1” :
enable ADIF interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com