Electronic Components Datasheet Search
  English  ▼

X  

EM78P809NP Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM78P809NP
Description  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809NP Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM78P809NP Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
EM78P809N
8-Bit Microcontroller
Product Specification (V1.0) 07.26.2005
• 41
(This specification is subject to change without further notice)
4.9.1 Timer Mode:
In Timer mode, counting up is performed using the internal clock. When the contents of
the up-counter matched with the TCR2 (TCR2H+TCR2L), then interrupt is generated
and the counter is cleared. Counting up resumes after the counter is cleared.
01
2
4
n-1
n
1
23
Internal clock
Up-counter
5
TC2 interrupt
0
n
match
counter
clear
TCR2
n-2
n-3
3
Fig. 20. Timer Mode Timing Chart
4.9.2 Counter Mode:
In Counter mode, counting up is performed using the external clock input pin (TC2 pin)
and either rising or falling can be selected by setting TC2ES. When the contents of
the up-counter matched with the TCR2 (TCR2H+TCR2L), then interrupt is generated
and the counter is cleared. Counting up resumes after the counter is cleared.
01
2
3
n-1
n
1
23
TC2 Pin
Up-counter
4
TC2 interrupt
0
n
match
counter
clear
TCR2
n-2
Fig. 21. Counter Mode Timing Chart (TC2ES = 1)
4.9.3 Window Mode
In Window mode, counting up is performed on the rising or falling edge of the pulse
that is logical AND of an internal clock and the TC2 pin (window pulse). When the
contents of the up-counter matched with the TCR2 (TCR2H+TCR2L), then interrupt is
generated and the counter is cleared. The frequency (window pulse) must be slower
than the selected internal clock.
Writing to the TCR2L, the comparison is inhibited until TCR2H is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com