Electronic Components Datasheet Search
  English  ▼

X  

EM78P809NP Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78P809NP
Description  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809NP Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78P809NP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
EM78P809N
8-Bit Microcontroller
30
•
Product Specification (V1.0) 07.26.2005
(This specification is subject to change without further notice)
ADC
(Successive Approximation)
AD7 (P97)
AD6 (P96)
AD5 (P95)
AD4 (P94)
AD3 (P93)
AD2 (P92)
AD1 (P91)
AD0 (P90)
7 - 0
2
1
0
4 to 1
MUX
5
4
Fosc/4
Fosc/16
Fosc/32
5
5
9 8 7 6 5 4 3 2 1 0
DATA BUS
IMR1
ISFR1
ADCR
ADCR
ADIC
6
3
7
VDD
VREF
Start to Convert
Power Down
ADCR
Fig. 6. AD Converter
It is a 10-bit successive approximation type AD converter. The upper side of analog
reference voltage can select either internal VDD or external input pin P97 (VREF) by
setting the ADREF bit in ADCR.
ADC Data Register:
When the A/D conversion is complete, the result is loaded to the ADDH (8 bit) and
ADDL (2 bit). The START/END bit is cleared, and the ADIF is set.
A/D Sampling Time:
The accuracy, linearity, and speed of the successive approximation A/D converter are
dependent on the properties of the ADC. The source impedance and the internal
sampling impedance directly affect the time required to charge the sample holding
capacitor. The application program controls the length of the sample time to meet the
specified accuracy. Generally speaking, the program should wait for 2 µs for each K
Ω
of the analog source impedance and at least 2 µs for the low-impedance source. The
maximum recommended impedance for the analog source is 10K
Ω at VDD =5V. After
the analog input channel is selected, this acquisition time must be done before A/D
conversion can be started.
A/D Conversion Time:
ADCK0 and ADCK1 select the conversion time (Tct), in terms of instruction cycles.
This allows the MCU to run at maximum frequency without sacrificing accuracy of A/D
conversion. For the EM78P809N, the conversion time per bit is about 4µs. Table 5
shows the relationship between Tct and the maximum operating frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com