Electronic Components Datasheet Search
  English  ▼

X  

EM78P809NP Datasheet(PDF) 63 Page - ELAN Microelectronics Corp

Part # EM78P809NP
Description  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809NP Datasheet(HTML) 63 Page - ELAN Microelectronics Corp

Back Button EM78P809NP Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 67Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
EM78P809N
8-Bit Microcontroller
Product Specification (V1.0) 07.26.2005
• 59
(This specification is subject to change without further notice)
Bit 6 (CYES) :
Cycle selection for JMP, CALL instruction
CYES = “0” :
One cycle
CYES = “1” :
Two cycles
Bit 4 (OSC) :
Oscillator type selection.
OSC = “0” :
RC type
OSC = “1” :
Crystal type
Bit 3 (HLP) :
Power selection.
HLP = “0” :
Low power
HLP = “1” :
High power
Bit 2~0 (PR2~PR0) :
Protect Bit
PR2~PR0 are write-protect bits, configured as follows:
PR2
PR1
PR0
Protect
Others
Enable
1
1
1
Disable
4.17.2 Customer ID Register
Word 1
Bit 12~Bit 0
XXXXXXXXXXXXX
Word 2
Bit 12~Bit 0
XXXXXXXXXXXXX
Bits 12 ~ 0: Customer’s ID code
4.18 Power-on Considerations
Any microcontroller is not guaranteed to start and operate properly before the power
supply maintains at its steady state. The EM78P809N has a built-in Power On Voltage
Detector (POVD) with a detecting level of 2.1V. It will work well if VDD rises fast enough
(10 ms or less). In many critical applications, however, additional components are
required to provide solutions on probable power-up problems.
4.18.1 External Power-on Reset Circuit
The circuit shown in Fig. 34 use an external RC to produce the reset pulse. The pulse
width (time constant) should be kept long enough for VDD to reach minimum operation
voltage. This circuit is used when the power supply has slow rise time. Because the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com