Electronic Components Datasheet Search
  English  ▼

X  

EM78P809NP Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P809NP
Description  8-BIT Microcontroller
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P809NP Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P809NP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P809NP Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
EM78P809N
8-Bit Microcontroller
Product Specification (V1.0) 07.26.2005
• 35
(This specification is subject to change without further notice)
4.7.2 Transmitting:
In transmitting serial data, the UART operates as follows:
1. Set the TXE bit of the URC1 register to enable the UART transmission function.
2. Write data into the URTD register and the UTBE bit of the URC1 register will be set
by hardware.
3. Then start transmitting.
4. Serially transmitted data are transmitted in the following order from the TX pin.
5. Start bit: one “0” bit is output.
6. Transmit data: 7, 8 or 9 bits data are output from the LSB to the MSB.
7. Parity bit: one parity bit (odd or even selectable) is output.
8. Stop bit: one “1” bit (stop bit) is output.
Mark state: output “1” continues until the start bit of the next transmitted data.
After transmitting the stop bit, the UART generates a TBEF interrupt (if enabled).
4.7.3 Receiving:
In receiving, the UART operates as follows:
1.
Set RXE bit of the URS register to enable the UART receiving function.
The UART monitors the RX pin and synchronizes internally when it detects a start
bit.
2.
Receive data is shifted into the URRD register in the order from LSB to MSB.
3.
The parity bit and the stop bit are received.
After one character received, the UART generates a RBFF interrupt (if enable).
And URBF bit of URS register will be set to 1.
4.
The UART makes the following checks:
(a) Parity check: The number of 1 of the received data must match the even or
odd parity setting of the EVEN bit in the URS register.
(b) Frame check: The start bit must be 0 and the stop bit must be 1.
(c) Overrun check: The URBF bit of the URS register must be cleared (that
means the URRD register should be read out) before next received data is loaded
into the URRD register.
If any checks failed, the UERRIF interrupt will be generated (if enabled), and an
error flag is indicated in PRERR, OVERR or FMERR bit. The error flag should be
cleared by software else the UERRIF interrupt will occur when the next byte is
received.
5.
Read received data from URRD register. And URBF bit will be clear by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com