Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 119 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 119 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 115Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 116Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 117Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 118Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 119Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 120Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 121Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 122Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 123Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 224 page
background image
Rev. 1.6
119
C8051F310/1/2/3/4/5/6/7
SFR Definition 12.3. CLKSEL: Clock Select
Table 12.1. Internal Oscillator Electrical Characteristics
VDD = 2.7 to 3.6 V; –40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Internal Oscillator Frequency
24
24.5
25
MHz
Internal Oscillator Supply
Current (from VDD)
OSCICN.7 = 1
—
450
1000
µA
Bits7–1: Reserved. Read = 0000000b, Must Write = 0000000.
Bit0:
CLKSL0: System Clock Source Select Bit.
0: SYSCLK derived from the Internal Oscillator, and scales per the IFCN bits in register
OSCICN.
1: SYSCLK derived from the External Oscillator circuit.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
Reserved Reserved Reserved Reserved Reserved Reserved Reserved
CLKSL0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xA9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com