Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 115 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 115 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 111Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 112Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 113Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 114Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 115Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 116Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 117Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 118Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 119Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 224 page
background image
Rev. 1.6
115
C8051F310/1/2/3/4/5/6/7
11. External RAM
The C8051F31x devices include 1024 bytes of RAM mapped into the external data memory space. All of
these address locations may be accessed using the external move instruction (MOVX) and the data
pointer (DPTR), or using MOVX indirect addressing mode. If the MOVX instruction is used with an 8-bit
address operand (such as @R1), then the high byte of the 16-bit address is provided by the External Mem-
ory Interface Control Register (EMI0CN as shown in SFR Definition 11.1). Note: the MOVX instruction is
also used for writes to the Flash memory. See Section “10. Flash Memory” on page 109 for details. The
MOVX instruction accesses XRAM by default.
For a 16-bit MOVX operation (@DPTR), the upper 6-bits of the 16-bit external data memory address word
are "don't cares.” As a result, the 1024 byte RAM is mapped modulo style over the entire 64 k external
data memory address range. For example, the XRAM byte at address 0x0000 is shadowed at addresses
0x0400, 0x0800, 0x0C00, 0x1000, etc. This is a useful feature when performing a linear memory fill, as the
address pointer doesn't have to be reset when reaching the RAM block boundary.
SFR Definition 11.1. EMI0CN: External Memory Interface Control
Bits 7–2: UNUSED. Read = 000000b. Write = don’t care.
Bits 1–0: PGSEL: XRAM Page Select.
The EMI0CN register provides the high byte of the 16-bit external data memory address
when using an 8-bit MOVX command, effectively selecting a 256-byte page of RAM. Since
the upper (unused) bits of the register are always zero, the PGSEL determines which page
of XRAM is accessed.
For Example: If EMI0CN = 0x01, addresses 0x0100 through 0x01FF will be accessed.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
PGSEL
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com