Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 112 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 112 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 108Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 109Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 110Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 111Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 112Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 113Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 114Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 115Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 116Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
112
Rev. 1.6
The level of Flash security depends on the Flash access method. The three Flash access methods that
can be restricted are reads, writes, and erases from the C2 debug interface, user firmware executing on
unlocked pages, and user firmware executing on locked pages. Table 10.2 summarizes the Flash security
features of the C8051F31x devices.
Table 10.2. Flash Security Summary
Action
C2 Debug
Interface
User Firmware executing from:
an unlocked page
a locked page
Read, Write or Erase unlocked pages
(except page with Lock Byte)
Permitted
Permitted
Permitted
Read, Write or Erase locked pages
(except page with Lock Byte)
Not Permitted
Flash Error Reset
Permitted
Read or Write page containing Lock Byte
(if no pages are locked)
Permitted
Permitted
Permitted
Read or Write page containing Lock Byte
(if any page is locked)
Not Permitted
Flash Error Reset
Permitted
Read contents of Lock Byte
(if no pages are locked)
Permitted
Permitted
Permitted
Read contents of Lock Byte
(if any page is locked)
Not Permitted
Flash Error Reset
Permitted
Erase page containing Lock Byte
(if no pages are locked)
Permitted
Flash Error Reset
Flash Error Reset
Erase page containing Lock Byte - Unlock all
pages (if any page is locked)
C2 Device
Erase Only
Flash Error Reset
Flash Error Reset
Lock additional pages
(change '1's to '0's in the Lock Byte)
Not Permitted
Flash Error Reset
Flash Error Reset
Unlock individual pages
(change '0's to '1's in the Lock Byte)
Not Permitted
Flash Error Reset
Flash Error Reset
Read, Write or Erase Reserved Area
Not Permitted
Flash Error Reset
Flash Error Reset
C2 Device Erase - Erases all Flash pages including the page containing the Lock Byte.
Flash Error Reset - Not permitted; Causes Flash Error Device Reset (FERROR bit in RSTSRC is '1' after
reset).
- All prohibited operations that are performed via the C2 interface are ignored (do not cause device reset).
- Locking any Flash page also locks the page containing the Lock Byte.
- Once written to, the Lock Byte cannot be modified except by performing a C2 Device Erase.
- If user code writes to the Lock Byte, the Lock does not take effect until the next device reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com