Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 109 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 105Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 106Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 107Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 108Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 109Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 110Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 111Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 112Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 224 page
background image
Rev. 1.6
109
C8051F310/1/2/3/4/5/6/7
10. Flash Memory
On-chip, re-programmable Flash memory is included for program code and non-volatile data storage. The
Flash memory can be programmed in-system, a single byte at a time, through the C2 interface or by soft-
ware using the MOVX instruction. Once cleared to logic 0, a Flash bit must be erased to set it back to logic
1. Flash bytes would typically be erased (set to 0xFF) before being reprogrammed. The write and erase
operations are automatically timed by hardware for proper execution; data polling to determine the end of
the write/erase operation is not required. Code execution is stalled during a Flash write/erase operation.
Refer to Table 10.1 for complete Flash memory electrical characteristics.
10.1. Programming The Flash Memory
The simplest means of programming the Flash memory is through the C2 interface using programming
tools provided by Silicon Labs or a third party vendor. This is the only means for programming a non-initial-
ized device. For details on the C2 commands to program Flash memory, see Section “20. C2 Interface”
on page 219.
To ensure the integrity of Flash contents, it is strongly recommended that the on-chip VDD Monitor
be enabled in any system that includes code that writes and/or erases Flash memory from soft-
ware.
10.1.1. Flash Lock and Key Functions
Flash writes and erases by user software are protected with a lock and key function. The Flash Lock and
Key Register (FLKEY) must be written with the correct key codes, in sequence, before Flash operations
may be performed. The key codes are: 0xA5, 0xF1. The timing does not matter, but the codes must be
written in order. If the key codes are written out of order, or the wrong codes are written, Flash writes and
erases will be disabled until the next system reset. Flash writes and erases will also be disabled if a Flash
write or erase is attempted before the key codes have been written properly. The Flash lock resets after
each write or erase; the key codes must be written again before a following Flash operation can be per-
formed. The FLKEY register is detailed in SFR Definition 10.2.
10.1.2. Flash Erase Procedure
The Flash memory can be programmed from software using the MOVX write instruction with the address
and data byte to be programmed provided as normal operands. Before writing to Flash memory using
MOVX, Flash write operations must be enabled by: (1) setting the PSWE Program Store Write Enable bit
(PSCTL.0) to logic 1 (this directs the MOVX writes to target Flash memory); and (2) Writing the Flash key
codes in sequence to the Flash Lock register (FLKEY). The PSWE bit remains set until cleared by soft-
ware.
A write to Flash memory can clear bits to logic 0 but cannot set them; only an erase operation can set bits
to logic 1 in Flash. A byte location to be programmed should be erased before a new value is written.
The Flash memory is organized in 512-byte pages. The erase operation applies to an entire page (setting
all bytes in the page to 0xFF). To erase an entire 512-byte page, perform the following steps:
Step 1. Disable interrupts (recommended).
Step 2. Set the PSEE bit (register PSCTL).
Step 3. Set the PSWE bit (register PSCTL).
Step 4. Write the first key code to FLKEY: 0xA5.
Step 5. Write the second key code to FLKEY: 0xF1.
Step 6. Using the MOVX instruction, write a data byte to any location within the 512-byte page to
be erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com