Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 108 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 108 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 104Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 105Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 106Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 107Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 108Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 109Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 110Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 111Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 112Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
108
Rev. 1.6
Table 9.1. Reset Electrical Characteristics
–40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
RST Output Low Voltage
IOL = 8.5 mA, VDD = 2.7 to 3.6 V
——
0.6
V
RST Input High Voltage
0.7 x
VDD
——
V
RST Input Low Voltage
—
—
0.3 x
VDD
RST Input Pullup Current
RST = 0.0 V
—
25
40
µA
VDD Monitor Threshold (VRST)
2.40
2.55
2.70
V
Missing Clock Detector Timeout
Time from last system clock rising
edge to reset initiation
100
220
600
µs
Reset Time Delay
Delay between release of any
reset source and code execution
at location 0x0000
5.0
—
—
µs
Minimum RST Low Time to
Generate a System Reset
15
—
—
µs
VDD Monitor Turn-on Time
100
—
—
µs
VDD Monitor Supply Current
—20
50
µA
VDD Ramp Time
VDD = 0 V to VDD = 2.7 V
——
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com