Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 128 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 128 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 124Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 125Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 126Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 127Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 128Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 129Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 130Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 131Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 132Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
128
Rev. 1.6
Figure 13.4. Crossbar Priority Decoder with Crystal Pins Skipped
Registers XBR0 and XBR1 are used to assign the digital I/O resources to the physical I/O Port pins. Note
that when the SMBus is selected, the Crossbar assigns both pins associated with the SMBus (SDA and
SCL); when the UART is selected, the Crossbar assigns both pins associated with the UART (TX and RX).
UART0 pin assignments are fixed for bootloading purposes: UART TX0 is always assigned to P0.4; UART
RX0 is always assigned to P0.5. Standard Port I/Os appear contiguously after the prioritized functions
have been assigned.
Important Note: The SPI can be operated in either 3-wire or 4-wire modes, pending the state of the
NSSMD1-NSSMD0 bits in register SPI0CN. According to the SPI mode, the NSS signal may or may not be
routed to a Port pin.
012
345
670
123
456
701
234
567
SCK
MISO
MOSI
NSS*
CP0
CP0A
CP1
001
100
000
000
000
000
00
CEX2
CEX0
CEX1
SYSCLK
P2
CP1A
CEX3
CEX4
SF Signals
PIN I/O
TX0
RX0
SDA
SCL
P0
P1
Special Function Signals are not assigned by the Crossbar. When these signals are enabled, the Crossbar must
be manually configured to skip their corresponding port pins.
Port pin potentially available to peripheral
SF Signals
ECI
T0
T1
P0SKIP[0:7]
P2SKIP[0:3]
P1SKIP[0:7]
*Note: NSS is only pinned out in 4-wire SPI mode.
Note: P1.6,P1.7,P2.6,P2.7 only available on the C8051F310/1/2/3/4/5; P1SKIP[7:6] should always be set to
11b for the C8051F316/7 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com