Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 131 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 131 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 127Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 128Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 129Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 130Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 131Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 132Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 133Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 134Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 135Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 224 page
background image
Rev. 1.6
131
C8051F310/1/2/3/4/5/6/7
SFR Definition 13.2. XBR1: Port I/O Crossbar Register 1
13.3. General Purpose Port I/O
Port pins that remain unassigned by the Crossbar and are not used by analog peripherals can be used for
general purpose I/O. Ports3-0 are accessed through corresponding special function registers (SFRs) that
are both byte addressable and bit addressable. When writing to a Port, the value written to the SFR is
latched to maintain the output data value at each pin. When reading, the logic levels of the Port's input pins
are returned regardless of the XBRn settings (i.e., even when the pin is assigned to another signal by the
Crossbar, the Port register can always read its corresponding Port I/O pin). The exception to this is the
execution of the read-modify-write instructions. The read-modify-write instructions when operating on a
Port SFR are the following: ANL, ORL, XRL, JBC, CPL, INC, DEC, DJNZ and MOV, CLR or SET, when the
destination is an individual bit in a Port SFR. For these instructions, the value of the register (not the pin) is
read, modified, and written back to the SFR.
Bit7:
WEAKPUD: Port I/O Weak Pullup Disable.
0: Weak Pullups enabled (except for Ports whose I/O are configured as analog input).
1: Weak Pullups disabled.
Bit6:
XBARE: Crossbar Enable.
0: Crossbar disabled.
1: Crossbar enabled.
Bit5:
T1E: T1 Enable
0: T1 unavailable at Port pin.
1: T1 routed to Port pin.
Bit4:
T0E: T0 Enable
0: T0 unavailable at Port pin.
1: T0 routed to Port pin.
Bit3:
ECIE: PCA0 External Counter Input Enable
0: ECI unavailable at Port pin.
1: ECI routed to Port pin.
Bits2–0: PCA0ME: PCA Module I/O Enable Bits.
000: All PCA I/O unavailable at Port pins.
001: CEX0 routed to Port pin.
010: CEX0, CEX1 routed to Port pins.
011: CEX0, CEX1, CEX2 routed to Port pins.
100: CEX0, CEX1, CEX2, CEX3 routed to Port pins.
101: CEX0, CEX1, CEX2, CEX3, CEX4 routed to Port pins.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
WEAKPUD
XBARE
T1E
T0E
ECIE
PCA0ME
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com