Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 139 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 139 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 135Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 136Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 137Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 138Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 139Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 140Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 141Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 142Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 143Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 224 page
background image
Rev. 1.6
139
C8051F310/1/2/3/4/5/6/7
SFR Definition 13.17. P3MDOUT: Port3 Output Mode
Table 13.1. Port I/O DC Electrical Characteristics
VDD = 2.7 to 3.6 V, –40 to +85 °C unless otherwise specified
Parameters
Conditions
Min
Typ
Max
Units
Output High Voltage
IOH = –3 mA, Port I/O push-pull
IOH = –10 µA, Port I/O push-pull
IOH = –10 mA, Port I/O push-pull
VDD – 0.7
VDD – 0.1
—
—
—
VDD – 0.8
—
—
—
V
Output Low Voltage
IOL = 8.5 mA
IOL = 10 µA
IOL = 25 mA
—
—
—
—
—
1.0
0.6
0.1
—
V
Input High Voltage
2.0
—
—
V
Input Low Voltage
—
—
0.8
V
Input Leakage Current
Weak Pullup Off
Weak Pullup On, VIN = 0 V
—
—
—
25
±1
40
µA
Bits7–5: UNUSED. Read = 000b; Write - don’t care.
Bits4–0: Output Configuration Bits for P3.4–P3.0 (respectively): ignored if corresponding bit in regis-
ter P3MDIN is logic 0.
0: Corresponding P3.n Output is open-drain.
1: Corresponding P3.n Output is push-pull.
Note:
Only P3.0–P3.4 are associated with Port pins on C8051F310/2/4 devices; Only P3.0 is associated with a
Port pin on C8051F311/3/5/6/7 devices.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
-
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0xA7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com