Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 141 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 141 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 137Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 138Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 139Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 140Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 141Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 142Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 143Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 144Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 145Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 224 page
background image
Rev. 1.6
141
C8051F310/1/2/3/4/5/6/7
14. SMBus
The SMBus I/O interface is a two-wire, bi-directional serial bus. The SMBus is compliant with the System
Management Bus Specification, version 1.1, and compatible with the I2C serial bus. Reads and writes to
the interface by the system controller are byte oriented with the SMBus interface autonomously controlling
the serial transfer of the data. Data can be transferred at up to 1/10th of the system clock as a master or
slave (this can be faster than allowed by the SMBus specification, depending on the system clock used). A
method of extending the clock-low duration is available to accommodate devices with different speed
capabilities on the same bus.
The SMBus interface may operate as a master and/or slave, and may function on a bus with multiple mas-
ters. The SMBus provides control of SDA (serial data), SCL (serial clock) generation and synchronization,
arbitration logic, and START/STOP control and generation. Three SFRs are associated with the SMBus:
SMB0CF configures the SMBus; SMB0CN controls the status of the SMBus; and SMB0DAT is the data
register, used for both transmitting and receiving SMBus data and slave addresses.
Figure 14.1. SMBus Block Diagram
Data Path
Control
SMBUS CONTROL LOGIC
C
R
O
S
S
B
A
R
SCL
FILTER
N
SDA
Control
SCL
Control
Arbitration
SCL Synchronization
IRQ Generation
SCL Generation (Master Mode)
SDA Control
Interrupt
Request
Port I/O
SMB0CN
S
T
A
A
C
K
R
Q
A
R
B
L
O
S
T
A
C
K
S
I
T
X
M
O
D
E
M
A
S
T
E
R
S
T
O
01
00
10
11
T0 Overflow
T1 Overflow
TMR2H Overflow
TMR2L Overflow
SMB0CF
E
N
S
M
B
I
N
H
B
U
S
Y
E
X
T
H
O
L
D
S
M
B
T
O
E
S
M
B
F
T
E
S
M
B
C
S
1
S
M
B
C
S
0
0
1
2
3
4
5
6
7
SMB0DAT
SDA
FILTER
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com