Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 199 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 199 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 195Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 196Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 197Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 198Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 199Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 200Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 201Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 202Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 203Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 224 page
background image
Rev. 1.6
199
C8051F310/1/2/3/4/5/6/7
18. Programmable Counter Array
The Programmable Counter Array (PCA0) provides enhanced timer functionality while requiring less CPU
intervention than the standard 8051 counter/timers. The PCA consists of a dedicated 16-bit counter/timer
and five 16-bit capture/compare modules. Each capture/compare module has its own associated I/O line
(CEXn) which is routed through the Crossbar to Port I/O when enabled (See Section “13.1. Priority
Crossbar Decoder” on page 127 for details on configuring the Crossbar). The counter/timer is driven by
a programmable timebase that can select between six sources: system clock, system clock divided by four,
system clock divided by twelve, the external oscillator clock source divided by 8, Timer 0 overflow, or an
external clock signal on the ECI input pin. Each capture/compare module may be configured to operate
independently in one of six modes: Edge-Triggered Capture, Software Timer, High-Speed Output, Fre-
quency Output, 8-Bit PWM, or 16-Bit PWM (each mode is described in Section “18.2. Capture/Compare
Modules” on page 201). The external oscillator clock option is ideal for real-time clock (RTC) functionality,
allowing the PCA to be clocked by a precision external oscillator while the internal oscillator drives the sys-
tem clock. The PCA is configured and controlled through the system controller's Special Function Regis-
ters. The PCA block diagram is shown in Figure 18.1
Important Note: The PCA Module 4 may be used as a watchdog timer (WDT), and is enabled in this mode
following a system reset. Access to certain PCA registers is restricted while WDT mode is enabled. See
Section 18.3 for details.
Figure 18.1. PCA Block Diagram
Capture/Compare
Module 1
Capture/Compare
Module 0
Capture/Compare
Module 2
Capture/Compare
Module 3
Capture/Compare
Module 4 / WDT
Crossbar
Port I/O
16-Bit Counter/Timer
PCA
CLOCK
MUX
SYSCLK/12
SYSCLK/4
Timer 0 Overflow
ECI
SYSCLK
External Clock/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com