Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 196 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 196 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 192Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 193Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 194Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 195Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 196Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 197Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 198Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 199Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 200Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
196
Rev. 1.6
17.3.2. 8-bit Timers with Auto-Reload
When T3SPLIT is set, Timer 3 operates as two 8-bit timers (TMR3H and TMR3L). Both 8-bit timers oper-
ate in auto-reload mode as shown in Figure 17.5. TMR3RLL holds the reload value for TMR3L; TMR3RLH
holds the reload value for TMR3H. The TR3 bit in TMR3CN handles the run control TMR3H. TMR3L is
always running when configured for 8-bit Mode.
Each 8-bit timer may be configured to use SYSCLK, SYSCLK divided by 12, or the external oscillator clock
source divided by 8. The Timer 3 Clock Select bits (T3MH and T3ML in CKCON) select either SYSCLK or
the clock defined by the Timer 3 External Clock Select bit (T3XCLK in TMR3CN), as follows:
Note: External clock divided by 8 is synchronized with the system clock, and the external clock must be
less than or equal to the system clock to operate in this mode.
The TF3H bit is set when TMR3H overflows from 0xFF to 0x00; the TF3L bit is set when TMR3L overflows
from 0xFF to 0x00. When Timer 3 interrupts are enabled, an interrupt is generated each time TMR3H over-
flows. If Timer 3 interrupts are enabled and TF3LEN (TMR3CN.5) is set, an interrupt is generated each
time either TMR3L or TMR3H overflows. When TF3LEN is enabled, software must check the TF3H and
TF3L flags to determine the source of the Timer 3 interrupt. The TF3H and TF3L interrupt flags are not
cleared by hardware and must be manually cleared by software.
Figure 17.7. Timer 3 8-Bit Mode Block Diagram
T3MH
T3XCLK
TMR3H Clock
Source
T3ML
T3XCLK
TMR3L Clock
Source
0
0
SYSCLK/12
0
0
SYSCLK/12
0
1
External Clock/8
0
1
External Clock/8
1
X
SYSCLK
1
X
SYSCLK
SYSCLK
TCLK
0
1
TR3
External Clock / 8
SYSCLK / 12
0
1
T3XCLK
1
0
TMR3H
TMR3RLH
Reload
Reload
TCLK
TMR3L
TMR3RLL
Interrupt
T3SPLIT
TF3LEN
TF3L
TF3H
T3XCLK
TR3
To ADC
CKCON
T
3
M
H
T
3
M
L
S
C
A
0
S
C
A
1
T
0
M
T
2
M
H
T
2
M
L
T
1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com