Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 192 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 192 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 188Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 189Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 190Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 191Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 192Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 193Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 194Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 195Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 196Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
192
Rev. 1.6
17.2.2. 8-bit Timers with Auto-Reload
When T2SPLIT is set, Timer 2 operates as two 8-bit timers (TMR2H and TMR2L). Both 8-bit timers oper-
ate in auto-reload mode as shown in Figure 17.5. TMR2RLL holds the reload value for TMR2L; TMR2RLH
holds the reload value for TMR2H. The TR2 bit in TMR2CN handles the run control TMR2H. TMR2L is
always running when configured for 8-bit Mode.
Each 8-bit timer may be configured to use SYSCLK, SYSCLK divided by 12, or the external oscillator clock
source divided by 8. The Timer 2 Clock Select bits (T2MH and T2ML in CKCON) select either SYSCLK or
the clock defined by the Timer 2 External Clock Select bit (T2XCLK in TMR2CN), as follows:
Note: External clock divided by 8 is synchronized with the system clock, and the external clock must be
less than or equal to the system clock to operate in this mode.
The TF2H bit is set when TMR2H overflows from 0xFF to 0x00; the TF2L bit is set when TMR2L overflows
from 0xFF to 0x00. When Timer 2 interrupts are enabled (IE.5), an interrupt is generated each time
TMR2H overflows. If Timer 2 interrupts are enabled and TF2LEN (TMR2CN.5) is set, an interrupt is gener-
ated each time either TMR2L or TMR2H overflows. When TF2LEN is enabled, software must check the
TF2H and TF2L flags to determine the source of the Timer 2 interrupt. The TF2H and TF2L interrupt flags
are not cleared by hardware and must be manually cleared by software.
Figure 17.5. Timer 2 8-Bit Mode Block Diagram
T2MH
T2XCLK
TMR2H Clock
Source
T2ML
T2XCLK
TMR2L Clock
Source
0
0
SYSCLK/12
0
0
SYSCLK/12
0
1
External Clock/8
0
1
External Clock/8
1
X
SYSCLK
1
X
SYSCLK
SYSCLK
TCLK
0
1
TR2
External Clock / 8
SYSCLK / 12
0
1
T2XCLK
1
0
TMR2H
TMR2RLH
Reload
Reload
TCLK
TMR2L
TMR2RLL
Interrupt
T2SPLIT
TF2LEN
TF2L
TF2H
T2XCLK
TR2
To ADC,
SMBus
To SMBus
CKCON
T
3
M
H
T
3
M
L
S
C
A
0
S
C
A
1
T
0
M
T
2
M
H
T
2
M
L
T
1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com