Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 188 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 188 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 184Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 185Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 186Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 187Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 188Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 189Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 190Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 191Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 192Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
188
Rev. 1.6
SFR Definition 17.2. TMOD: Timer Mode
Bit7:
GATE1: Timer 1 Gate Control.
0: Timer 1 enabled when TR1 = 1 irrespective of /INT1 logic level.
1: Timer 1 enabled only when TR1 = 1 AND /INT1 is active as defined by bit IN1PL in regis-
ter IT01CF (see SFR Definition 8.11).
Bit6:
C/T1: Counter/Timer 1 Select.
0: Timer Function: Timer 1 incremented by clock defined by T1M bit (CKCON.4).
1: Counter Function: Timer 1 incremented by high-to-low transitions on external input pin
(T1).
Bits5–4: T1M1–T1M0: Timer 1 Mode Select.
These bits select the Timer 1 operation mode.
Bit3:
GATE0: Timer 0 Gate Control.
0: Timer 0 enabled when TR0 = 1 irrespective of /INT0 logic level.
1: Timer 0 enabled only when TR0 = 1 AND /INT0 is active as defined by bit IN0PL in regis-
ter IT01CF (see SFR Definition 8.11).
Bit2:
C/T0: Counter/Timer Select.
0: Timer Function: Timer 0 incremented by clock defined by T0M bit (CKCON.3).
1: Counter Function: Timer 0 incremented by high-to-low transitions on external input pin
(T0).
Bits1–0: T0M1–T0M0: Timer 0 Mode Select.
These bits select the Timer 0 operation mode.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
GATE1
C/T1
T1M1
T1M0
GATE0
C/T0
T0M1
T0M0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0x89
T1M1
T1M0
Mode
0
0
Mode 0: 13-bit counter/timer
0
1
Mode 1: 16-bit counter/timer
1
0
Mode 2: 8-bit counter/timer with auto-reload
1
1
Mode 3: Timer 1 inactive
T0M1
T0M0
Mode
0
0
Mode 0: 13-bit counter/timer
0
1
Mode 1: 16-bit counter/timer
1
0
Mode 2: 8-bit counter/timer with auto-reload
1
1
Mode 3: Two 8-bit counter/timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com