Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 184 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 184 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 180Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 181Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 182Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 183Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 184Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 185Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 186Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 187Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 188Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
184
Rev. 1.6
The C/T0 bit (TMOD.2) selects the counter/timer's clock source. When C/T0 is set to logic 1, high-to-low
transitions at the selected Timer 0 input pin (T0) increment the timer register (Refer to Section
“13.1. Priority Crossbar Decoder” on page 127 for information on selecting and configuring external I/O
pins). Clearing C/T selects the clock defined by the T0M bit (CKCON.3). When T0M is set, Timer 0 is
clocked by the system clock. When T0M is cleared, Timer 0 is clocked by the source selected by the Clock
Scale bits in CKCON (see SFR Definition 17.3).
Setting the TR0 bit (TCON.4) enables the timer when either GATE0 (TMOD.3) is logic 0 or the input signal
/INT0 is active as defined by bit IN0PL in register IT01CF (see SFR Definition 8.11. “IT01CF: INT0/INT1
Configuration” on page 99). Setting GATE0 to ‘1’ allows the timer to be controlled by the external input sig-
nal /INT0 (see Section “8.3.5. Interrupt Register Descriptions” on page 95), facilitating pulse width
measurements.
Setting TR0 does not force the timer to reset. The timer registers should be loaded with the desired initial
value before the timer is enabled.
TL1 and TH1 form the 13-bit register for Timer 1 in the same manner as described above for TL0 and TH0.
Timer 1 is configured and controlled using the relevant TCON and TMOD bits just as with Timer 0. The
input signal /INT1 is used with Timer 1; the /INT1 polarity is defined by bit IN1PL in register IT01CF (see
SFR Definition 8.11. “IT01CF: INT0/INT1 Configuration” on page 99).
Figure 17.1. T0 Mode 0 Block Diagram
TR0
GATE0
/INT0
Counter/Timer
0
X
X
Disabled
1
0
X
Enabled
110
Disabled
111
Enabled
X = Don't Care
TCLK
TL0
(5 bits)
TH0
(8 bits)
TF0
TR0
TR1
TF1
IE1
IT1
IE0
IT0
Interrupt
TR0
0
1
0
1
SYSCLK
Pre-scaled Clock
CKCON
T
3
M
H
T
3
M
L
S
C
A
0
S
C
A
1
T
0
M
T
2
M
H
T
2
M
L
T
1
M
TMOD
T
1
M
1
T
1
M
0
C
/
T
1
G
A
T
E
1
G
A
T
E
0
C
/
T
0
T
0
M
1
T
0
M
0
GATE0
/INT0
T0
Crossbar
INT01CF
I
N
1
S
L
1
I
N
1
S
L
0
I
N
1
S
L
2
I
N
1
P
L
I
N
0
P
L
I
N
0
S
L
2
I
N
0
S
L
1
I
N
0
S
L
0
IN0PL
XOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com