Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 183 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 183 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 179Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 180Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 181Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 182Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 183Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 184Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 185Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 186Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 187Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 224 page
background image
Rev. 1.6
183
C8051F310/1/2/3/4/5/6/7
17. Timers
Each MCU includes four counter/timers: two are 16-bit counter/timers compatible with those found in the
standard 8051, and two are 16-bit auto-reload timer for use with the ADC, SMBus, or for general purpose
use. These timers can be used to measure time intervals, count external events and generate periodic
interrupt requests. Timer 0 and Timer 1 are nearly identical and have four primary modes of operation.
Timer 2 and Timer 3 offer 16-bit and split 8-bit timer functionality with auto-reload.
Timers 0 and 1 may be clocked by one of five sources, determined by the Timer Mode Select bits (T1M-
T0M) and the Clock Scale bits (SCA1-SCA0). The Clock Scale bits define a pre-scaled clock from which
Timer 0 and/or Timer 1 may be clocked (See SFR Definition 17.3 for pre-scaled clock selection).
Timer 0/1 may then be configured to use this pre-scaled clock signal or the system clock. Timer 2 and
Timer 3 may be clocked by the system clock, the system clock divided by 12, or the external oscillator
clock source divided by 8.
Timer 0 and Timer 1 may also be operated as counters. When functioning as a counter, a counter/timer
register is incremented on each high-to-low transition at the selected input pin (T0 or T1). Events with a fre-
quency of up to one-fourth the system clock's frequency can be counted. The input signal need not be peri-
odic, but it should be held at a given level for at least two full system clock cycles to ensure the level is
properly sampled.
17.1. Timer 0 and Timer 1
Each timer is implemented as 16-bit register accessed as two separate bytes: a low byte (TL0 or TL1) and
a high byte (TH0 or TH1). The Counter/Timer Control register (TCON) is used to enable Timer 0 and Timer
1 as well as indicate status. Timer 0 interrupts can be enabled by setting the ET0 bit in the IE register (SFR
Definition 8.7. “IE: Interrupt Enable” on page 95); Timer 1 interrupts can be enabled by setting the ET1 bit
in the IE register. Both counter/timers operate in one of four primary modes selected by setting the Mode
Select bits T1M1-T0M0 in the Counter/Timer Mode register (TMOD). Each timer can be configured inde-
pendently. Each operating mode is described below.
17.1.1. Mode 0: 13-bit Counter/Timer
Timer 0 and Timer 1 operate as 13-bit counter/timers in Mode 0. The following describes the configuration
and operation of Timer 0. However, both timers operate identically, and Timer 1 is configured in the same
manner as described for Timer 0.
The TH0 register holds the eight MSBs of the 13-bit counter/timer. TL0 holds the five LSBs in bit positions
TL0.4–TL0.0. The three upper bits of TL0 (TL0.7–TL0.5) are indeterminate and should be masked out or
ignored when reading. As the 13-bit timer register increments and overflows from 0x1FFF (all ones) to
0x0000, the timer overflow flag TF0 (TCON.5) is set and an interrupt will occur if Timer 0 interrupts are
enabled.
Timer 0 and Timer 1 Modes:
Timer 2 Modes:
Timer 3 Modes:
13-bit counter/timer
16-bit timer with auto-reload
16-bit timer with auto-reload
16-bit counter/timer
8-bit counter/timer
with auto-reload
Two 8-bit timers with auto-reload
Two 8-bit timers with auto-reload
Two 8-bit counter/timers
(Timer 0 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com