Electronic Components Datasheet Search
  English  ▼

X  

C8051F310 Datasheet(PDF) 186 Page - List of Unclassifed Manufacturers

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C8051F310 Datasheet(HTML) 186 Page - List of Unclassifed Manufacturers

Back Button C8051F310 Datasheet HTML 182Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 183Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 184Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 185Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 186Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 187Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 188Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 189Page - List of Unclassifed Manufacturers C8051F310 Datasheet HTML 190Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 224 page
background image
C8051F310/1/2/3/4/5/6/7
186
Rev. 1.6
17.1.4. Mode 3: Two 8-bit Counter/Timers (Timer 0 Only)
In Mode 3, Timer 0 is configured as two separate 8-bit counter/timers held in TL0 and TH0. The
counter/timer in TL0 is controlled using the Timer 0 control/status bits in TCON and TMOD: TR0, C/T0,
GATE0 and TF0. TL0 can use either the system clock or an external input signal as its timebase. The TH0
register is restricted to a timer function sourced by the system clock or prescaled clock. TH0 is enabled
using the Timer 1 run control bit TR1. TH0 sets the Timer 1 overflow flag TF1 on overflow and thus controls
the Timer 1 interrupt.
Timer 1 is inactive in Mode 3. When Timer 0 is operating in Mode 3, Timer 1 can be operated in Modes 0,
1 or 2, but cannot be clocked by external signals nor set the TF1 flag and generate an interrupt. However,
the Timer 1 overflow can be used to generate baud rates for the SMBus and/or UART, and/or initiate ADC
conversions. While Timer 0 is operating in Mode 3, Timer 1 run control is handled through its mode set-
tings. To run Timer 1 while Timer 0 is in Mode 3, set the Timer 1 Mode as 0, 1, or 2. To disable Timer 1,
configure it for Mode 3.
Figure 17.3. T0 Mode 3 Block Diagram
TL0
(8 bits)
TMOD
0
1
TF0
TR0
TR1
TF1
IE1
IT1
IE0
IT0
Interrupt
Interrupt
0
1
SYSCLK
Pre-scaled Clock
TR1
TH0
(8 bits)
T
1
M
1
T
1
M
0
C
/
T
1
G
A
T
E
1
G
A
T
E
0
C
/
T
0
T
0
M
1
T
0
M
0
TR0
GATE0
IN0PL
XOR
/INT0
T0
Crossbar
CKCON
T
3
M
H
T
3
M
L
S
C
A
0
S
C
A
1
T
0
M
T
2
M
H
T
2
M
L
T
1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com