Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC4422 Datasheet HTML 12Page - Texas Instruments DLPC4422 Datasheet HTML 13Page - Texas Instruments DLPC4422 Datasheet HTML 14Page - Texas Instruments DLPC4422 Datasheet HTML 15Page - Texas Instruments DLPC4422 Datasheet HTML 16Page - Texas Instruments DLPC4422 Datasheet HTML 17Page - Texas Instruments DLPC4422 Datasheet HTML 18Page - Texas Instruments DLPC4422 Datasheet HTML 19Page - Texas Instruments DLPC4422 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
16
DLPC4422
DLPS074 – FEBRUARY 2017
www.ti.com
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The number inside each parenthesis or the I/O refers to the type defined in Table 1.
6.5 Electrical Characteristics
(1)
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
USB (9)
2.0
V
OSC (10)
2.0
3.3-V LVTTL (1,2,3,4)
2.0
3.3-V I2C (8)
2.4
VDD
33+0
.5
VIL
Low-level input voltage
USB (9)
0.8
V
OSC (10)
0.8
3.3-V LVTTL (1,2,3,4)
0.8
3.3-V I2C (8)
-0.5
1.0
VDIS
Differential Input
Voltage
USB(9)
200
mV
VICM
Differential Cross Point
Voltage
USB(9)
0.8
2.5
V
VHYS
Hysteresis (VT+-VT-)
USB(9)
200
mV
3.3-V LVTTL (1,2,3,4)
400
3.3-V I2C (8)
300
550
600
VOH
High-level output
voltage
USB (9)
2.8
V
1.8-V LVDS (7)
1.520
3.3-V LVTTL (1,2,3)
IOH = Max Rated
2.7
VOL
Low-level output
voltage
USB (9)
0.0
0.3
V
1.8-V LVDS (7)
0.88
0
3.3-V LVTTL (1,2,3)
IOL = Max Rated
0.4
3.3-V I2C (8)
IOL = 3 mA sink
0.4
VOD
Output Differential
Voltage
1.8-V LVDS (7)
0.065
0.44
0
V
IIH
High-level input current
USB(9)
200
µA
OSC (10)
-10.0
10
3.3-V LVTTL (1-4) without Internal Pull
Down
VIH = VDD33
-10.0
10
3.3-V LVTTL (1-4) with Internal Pull
Down
VIH = VDD33
10.0
200.
0
3.3-V I2C (8)
VIH = VDD33
10.0
IIL
Low-level input current
USB(9)
-10.0
10.0
µA
OSC (10)
-10.0
10.0
3.3-V LVTTL (1-4) without Internal Pull
Down
VOH = VDD33
-10.0
10.0
3.3-V LVTTL (1-4) with Internal Pull
Down
VOH = VDD33
-10.0
-200
3.3-V I2C (8)
VOH = VDD33
-10.0
IOH
High-level output
current
USB(9)
-19.1
mA
1.8-V LVDS (7) (VOD = 300mV)
VO = 1.4 V
6.5
3.3-V LVTTL (1)
VO = 2.4 V
-4.0
3.3-V LVTTL (2)
VO = 2.4 V
-8.0
3.3-V LVTTL (3)
VO = 2.4 V
-12.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com