Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC4422 Datasheet HTML 17Page - Texas Instruments DLPC4422 Datasheet HTML 18Page - Texas Instruments DLPC4422 Datasheet HTML 19Page - Texas Instruments DLPC4422 Datasheet HTML 20Page - Texas Instruments DLPC4422 Datasheet HTML 21Page - Texas Instruments DLPC4422 Datasheet HTML 22Page - Texas Instruments DLPC4422 Datasheet HTML 23Page - Texas Instruments DLPC4422 Datasheet HTML 24Page - Texas Instruments DLPC4422 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
21
DLPC4422
www.ti.com
DLPS074 – FEBRUARY 2017
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The minimum cycle time (tc) for DCK_A and DCL_B includes 1.0% spread spectrum modulation. User must verify that DMD can support
this rate.
(2)
Output Setup & Hold times for DMD clock frequencies below the maximum can be calculated as follows: tosu(fclock) = tosu(fmax) +
250000*(1/fclock – 1/400) & toh(fclock) = toh(fmax) + 250000*(1/fclock – 1/400) where fclock is in MHz.
6.11 DMD LVDS Interface Timing Requirements
FROM (INPUT)
TO (OUTPUT)
MIN
MAX
UNIT
fclock
Clock frequency, DCK_A
N/A
DCK_A
100
400
MHz
tC
Cycle time, DCK_A(1)
N/A
DCK_A
2475.3
ps
tW(H)
Pulse duration, high
N/A
DCK_A
1093
ps
tW(L)
Pulse duration, low
N/A
DCK_A
1093
ps
t t
Transition time, tt= tf/tr
N/A
DCK_A
100
400
ps
tosu
Output Setup time at max clock rate(2)
DCK_A
↑↓
SCA, DDA(15:0)
438
ps
toh
Output hold time at max clock rate(2)
DCK_A
↑↓
SCA, DDA(15:0)
438
ps
fclock
Clock frequency, DCK_B
N/A
DCK_B
100
400
MHz
tC
Cycle time, DCK_B(1)
N/A
DCK_B
2475.3
ps
tW(H)
Pulse duration, high
N/A
DCK_B
1093
ps
tW(L)
Pulse duration, low
N/A
DCK_B
1093
ps
t t
Transition time, tt= tf/tr
N/A
DCK_B
100
400
ps
tosu
Output Setup time at max clock rate (2)
DCK_B
↑↓
SCA, DDB(15:0)
438
ps
toh
Output hold time at max clock rate(2)
DCK_B
↑↓
SCA, DDB(15:0)
438
ps
tsk
Output Skew, Channel A to Channel B
DCK_A
↑
DCK_B
↑
250
ps
6.12 Synchronous Serial Port (SSP) Interface Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
SSP MASTER
tsu
Setup time, SSPx_DI valid before SSPx_CLK
15
ns
tsu
Setup time, SSPx_DI valid before SSPx_CLK
15
ns
th
Hold time, SSPx_DI valid after SSPx_CLK
0
ns
th
Hold time, SSPx_DI valid after SSPx_CLK
0
ns
t t
Transition time, SSPx_DI, tt= tf/tr
20% to 80% reference points
(signal)
1.5
ns
SSP SLAVE
tsu
Setup time, SSPx_DI valid before SSPx_CLK
12
ns
tsu
Setup time, SSPx_DI valid before SSPx_CLK
12
ns
th
Hold time, SSPx_DI valid after SSPx_CLK
12
ns
th
Hold time, SSPx_DI valid after SSPx_CLK
12
ns
t t
Transition time, SSPx_DI, tt= tf/tr
20% to 80% reference points
(signal)
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com