Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC4422 Datasheet HTML 1Page - Texas Instruments DLPC4422 Datasheet HTML 2Page - Texas Instruments DLPC4422 Datasheet HTML 3Page - Texas Instruments DLPC4422 Datasheet HTML 4Page - Texas Instruments DLPC4422 Datasheet HTML 5Page - Texas Instruments DLPC4422 Datasheet HTML 6Page - Texas Instruments DLPC4422 Datasheet HTML 7Page - Texas Instruments DLPC4422 Datasheet HTML 8Page - Texas Instruments DLPC4422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
DLPC4422
DLPA100
Phosphor Wheel
Motor Control
1.1 V
1.8 V
2.5 V
3.3 V
5 V
12 V
2xLVDS Data
DAD Ctrl and SCP Ctrl
FLASH
ADDR
23
16
DATA
DLP
DMD
TPS65145
DMD Board
Formatter Board
Illumination
Source
Laser
Driver
Illumination
Path
Optical Path
LED/Laser Driver Ctrl
JTAG
Data, 60 BIT
Front End
Board
Front End Ctrl
LENS
CTRL
Signals
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLPC4422
DLPS074 – FEBRUARY 2017
DLPC4422 DLP® Display Controller
1
1 Features
1
•
Provides Two 30-bit Input Pixel Interfaces or One
60-bit Input Pixel Interface:
–
YUV, YCrCb, or RGB Data Format
–
8, 9 or 10 Bits per Color
–
Pixel Clock Support Up to 175 MHz for 30-bit
and 160 MHz for 60-bit
•
Supports 24-30 Hz and 47-120 Hz Frame Rates
•
Full Single DLP Controller Support For DMD™s
Up to 1920 Pixels Wide
•
Dual DLP Controller Support For Up to 4K Ultra
High Definition (UHD) Resolution Display Using
DLP660TE TRP DMD
•
High-Speed, Low Voltage Differential Signaling
(LVDS) DMD Interface
•
150 MHz ARM946™ Microprocessor
•
Microprocessor Peripherals
–
Programmable Pulse-Width Modulation (PWM)
and Capture Timers
–
Three I2C Ports, Three UART Ports and Three
SSP Ports
–
One USB 1.1 Slave Port
•
Image Processing
–
Multiple Image Processing Algorithms
–
Frame Rate Conversion
–
Color Coordinate Adjustment
–
Programmable Color Space Conversion
–
Programmable Degamma and Splash
–
Integrated Support for 3-D Display
•
On-Screen Display (OSD)
•
Integrated Clock Generation Circuitry
–
Operates on a Single 20 MHz Crystal
–
Integrated Spread Spectrum Clocking
•
External Memory Support
–
Parallel Flash for Microprocessor and PWM
Sequence
–
Optional SRAM
•
516 Pin Plastic Ball Grid Array Package
•
Supports Lamp, LED, and Laser Hybrid
Illumination Systems
2 Applications
•
4K Ultra High Definition (UHD) Display
•
Laser TV
•
Digital Signage
•
Projection Mapping
3 Description
DLPC4422 is a digital display controller for the DLP
4K UHD display chipset. The DLPC4422 display
controller, together with the DLP660TE DMD and
DLPA100 power management and motor driver
device, comprise the chipset. This solution is a great
fit for display systems that require high resolution,
high brightness and system simplicity. To ensure
reliable operation, the DLPC4422 display controller
must always be used with the DLP660TE DMD and
the DLPA100 power management and motor driver
device.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC4422
ZPC (516)
27.00 mm × 27.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DLPC4422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC4422 TI1-DLPC4422 Datasheet
191Kb / 7P
DLP Display Controller
DLPC4422ZPC TI1-DLPC4422ZPC Datasheet
191Kb / 7P
DLP Display Controller
More results

Similar Description - DLPC4422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
DLP Digital Controller for the DLP4500 DMD
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
DLP Digital Controller
DLPC300 TI1-DLPC300_15 Datasheet
1Mb / 51P
DLP Digital Controller
logo
Panasonic Semiconductor
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
DLP Projector
logo
Texas Instruments
DLPC4422 TI1-DLPC4422 Datasheet
191Kb / 7P
DLP Display Controller
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
DLP Digital Controller for the DLP5500 DMD
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
DLP Display Controller
DLPC6421 TI1-DLPC6421_V01 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC1438 TI-DLPC1438 Datasheet
698Kb / 14P
DLPC1438 Digital Controller for DLP 3D Printers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com