Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DLPC4422 Datasheet HTML 5Page - Texas Instruments DLPC4422 Datasheet HTML 6Page - Texas Instruments DLPC4422 Datasheet HTML 7Page - Texas Instruments DLPC4422 Datasheet HTML 8Page - Texas Instruments DLPC4422 Datasheet HTML 9Page - Texas Instruments DLPC4422 Datasheet HTML 10Page - Texas Instruments DLPC4422 Datasheet HTML 11Page - Texas Instruments DLPC4422 Datasheet HTML 12Page - Texas Instruments DLPC4422 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9
DLPC4422
www.ti.com
DLPS074 – FEBRUARY 2017
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Configurations and Functions (continued)
PIN
(1)
I/O
(2)
DESCRIPTION
NAME
NO.
PM_ADDR_9
E9
O5
Output Bus A Data bit 0 to DMD.
PM_ADDR_8
D9
O5
PM_ADDR_7
C9
O5
Output Bus A Data bit 1 to DMD.
PM_ADDR_6
B8
O5
PM_ADDR_5
A8
O5
Output Bus A Data bit 2 to DMD.
PM_ADDR_4
D8
O5
PM_ADDR_3
C8
O5
Output Bus A Data bit 3 to DMD.
PM_ADDR_2
B7
O5
PM_ADDR_1
A7
O5
Output Bus A Data bit 4 to DMD.
PM_ADDR_0
C7
O5
PM_WEZ
B12
O5
Output Bus A Data bit 5 to DMD.
PM_OEZ
C13
O5
PM_BLSZ_1
B6
O5
Output Bus A Data bit 6 to DMD.
PM_BLSZ_0
A6
O5
PM_DATA_15
C17
B5
Output Bus A Data bit 7 to DMD.
PM_DATA_14
B16
B5
PM_DATA_13
A16
B5
Output Bus A Data bit 8 to DMD.
PM_DATA_12
A15
B5
PM_DATA_11
B15
B5
Output Bus A Data bit 9 to DMD.
PM_DATA_10
D16
B5
PM_DATA_9
C16
B5
Output Bus A Data bit 10 to DMD.
PM_DATA_8
E14
B5
PM_DATA_7
D15
B5
Output Bus A Data bit 11 to DMD.
PM_DATA_6
C15
B5
PM_DATA_5
B14
B5
Output Bus A Data bit 12 to DMD.
PM_DATA_4
A14
B5
PM_DATA_3
E13
B5
Output Bus A Data bit 13 to DMD.
PM_DATA_2
D14
B5
PM_DATA_1
C14
B5
Output Bus A Data bit 14 to DMD.
PM_DATA_0
B13
B5
PERIPHERAL INTERFACE
IIC0_SCL
A10
B8
I2C Bus 0, Clock. This bus support 400 kHz, fast mode operation. This signal
requires an external pull-up to 3.3-V. The minimum acceptable pull-up value is 1 kΩ.
This input is not 5 V tolerant.
IIC0_SDA
B10
B8
2C Bus 0, Data. This bus support 400 kHz, fast mode operation. This signal requires
an external pull-up to 3.3-V. The minimum acceptable pull-up value is 1 kΩ. This
input is not 5 V tolerant.
SSP0_CLK
AD4
B5
Synchronous Serial Port 0, clock
SSP0_RXD
AD5
I4
Synchronous Serial Port 0, receive data in
SSP0_TXD
AB7
O5
Synchronous Serial Port 0, transmit data out
SSP0_CSZ_0
AC5
B5
Synchronous Serial Port 0, chip select 0 (active low)
SSP0_CSZ_1
AB6
B5
Synchronous Serial Port 0, chip select 1 (active low)
SSP0_CSZ_2
AC3
B5
Synchronous Serial Port 0, chip select 2 (active low)
UART0_TXD
AB3
O5
UART0 transmit data output
UART0_RXD
AD1
O5
UART0 receive data input
UART0_RTSZ
AD2
O5
UART0 ready to send hardware flow control output (active low)
UART0_CTSZ
AE2
I4
UART0 clear to send hardware flow control input (active low)
USB_DAT_N
C5
B9
USB D- I/O
USB_DAT_P
D6
B9
USB D+ I/O
PMD_INTZ
AE8
I4
Interrupt from DLPA100 (active low). This signal requires an external pull-up. Uses
hysteresis.
CW_PWM
AD8
O5
Color wheel control PWM output
CW_INDEX
AF7
O5
Color wheel index. Uses hysteresis.
LMPCTRL
AC9
O5
Lamp control output. Lamp enable and synchronization to the ballast.
LMPSTAT
AF8
I4
Lamp status input. Driven high from the ballast once the lamp is lit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com