Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC4422 Datasheet HTML 32Page - Texas Instruments DLPC4422 Datasheet HTML 33Page - Texas Instruments DLPC4422 Datasheet HTML 34Page - Texas Instruments DLPC4422 Datasheet HTML 35Page - Texas Instruments DLPC4422 Datasheet HTML 36Page - Texas Instruments DLPC4422 Datasheet HTML 37Page - Texas Instruments DLPC4422 Datasheet HTML 38Page - Texas Instruments DLPC4422 Datasheet HTML 39Page - Texas Instruments DLPC4422 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
36
DLPC4422
DLPS074 – FEBRUARY 2017
www.ti.com
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3 Power-On Sense (POSENSE) Support
It is difficult to set up a power monitor to trip exactly on the DLPC4422 device minimum supply voltage spec.
Thus for practical reasons, TI recommends that the external power monitor generating POSENSE target its
threshold to 90% of the minimum supply voltage specs and ensure that POSENSE remain low a sufficient
amount of time for all supply voltages to reach minimum device requirements and stabilize. Note that the trip
voltage for detecting the loss of power, as well as the reaction time to respond to a low voltage condition is not
critical for POSENSE as PWRGOOD is used for this purpose. As such, PWRGOOD has critical requirements in
these areas.
9.4 System Environment and Defaults
9.4.1 DLPC4422 System Power-Up and Reset Default Conditions
Following system power-up, the DLPC4422 device performs a power-up initialization routine that defaults the
device to it’s normal power mode, in which ARM9-related clocks are enabled at their full rate and associated
resets are released. Most other clocks default to disabled state with associated resets asserted until released by
the processor. In addition, the default for system power gating enables all power. These same defaults are also
applied as part of all system reset events (Watch Dog timer timeout, Lamp Strike reset, etc) that occur without
removing or cycling power, with the possible exception of power for the LVDS I/O and internal DRAM. For an
extended reset condition, the OEM is expected to place the ASIC in Low Power mode prior to reset, in which
case the 1.8-V power for the LVDS I/O and internal DRAM will be disabled. When this reset is release, the 1.8-V
power won’t be enabled until the ARM9 has been initialized and is executing it’s system initialization routines.
Following power-up or system reset initialization, the ARM9 boots from an external flash memory after which it
enables the 1.8-V power (from the DLPA100), enables the rest of the ASIC clocks, and initializes the internal
DRAM. Once system initialization is complete the Application software determines if and when to enter low
power mode.
9.4.2 1.1-V System Power
The DLPC4422 device can support a low cost power delivery system with a single 1.1-V power source derived
from a switching regulator. To enable this approach, appropriate filtering must be provided for the 1.1-V power
pins of the PLLs.
9.4.3 1.8-V System Power
TI recommends that the DLPC4422 device power delivery system provide two independent 1.8-V power sources.
One of the 1.8 V power sources should be used to supply 1.8-V power to the DLPC4422 device LVDS I/O and
internal DRAM. Power for these functions should always be fed from a common source which is recommended
to be linear regulator. The second 1.8-V power source should be used (along with appropriate filtering as
discussed in the PCB layout guidelines for internal ASIC PLL power section of this document) to supply all of the
DLPC4422 device internal PLLs. In order to keep this power as clean as possible, TI highly recommends a
dedicated linear regulator for the 1.8-V power to the PLLs.
9.4.4 3.3-V System Power
The DLPC4422 device can support a low cost power delivery system with a single 3.3-V power sources derived
from a switching regulator. This 3.3-V power will supply all LVTTL I/O and the Crystal Oscillator cell. 3.3-V power
should remain active in all power modes for which 1.1-V core power is applied.
9.4.5 Power Good (PWRGOOD) Support
The PWRGOOD signal is defined as an early warning signal that alerts the DLPC4422 device a specified amount
of time before the DC supply voltages drop below specifications. This allows the DLPC4422 device to park the
DMD and to place the system into reset, ensuring the integrity of future operation. For practical reasons, TI
recommends that the monitor sensing PWRGOOD be on the input side of supply regulators.
9.4.6 5V Tolerant Support
With the exception of USB_DAT, the DLPC4422 device does not support any other 5V tolerant I/O. However,
note that source signals ALF_HSYNC, ALF_VSYNC & I2C typically have 5V requirements and special measures
must be taken to support them. TI recommends the use of a 5V to 3.3V level shifter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com