Electronic Components Datasheet Search
  English  ▼

X  

DLPC4422 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4422
Description  DLPC4422 DLP Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC4422 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC4422 Datasheet HTML 2Page - Texas Instruments DLPC4422 Datasheet HTML 3Page - Texas Instruments DLPC4422 Datasheet HTML 4Page - Texas Instruments DLPC4422 Datasheet HTML 5Page - Texas Instruments DLPC4422 Datasheet HTML 6Page - Texas Instruments DLPC4422 Datasheet HTML 7Page - Texas Instruments DLPC4422 Datasheet HTML 8Page - Texas Instruments DLPC4422 Datasheet HTML 9Page - Texas Instruments DLPC4422 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
DLPC4422
DLPS074 – FEBRUARY 2017
www.ti.com
Product Folder Links: DLPC4422
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Configurations and Functions (continued)
PIN
(1)
I/O
(2)
DESCRIPTION
NAME
NO.
P1_B_4
AE16
I4
Port 1 B Channel Input Pixel Data (bit weight 4)
P1_B_3
AF16
I4
Port 1 B Channel Input Pixel Data (bit weight 2)
P1_B_2
AF15
I4
Port 1 B Channel Input Pixel Data (bit weight 1)
P1_B_1
AC14
I4
Port 1 B Channel Input Pixel Data (bit weight 0.5)
P1_B_0
AD14
I4
Port 1 B Channel Input Pixel Data (bit weight 0.25)
P1_C_9
AD20
I4
Port 1 C Channel Input Pixel Data (bit weight 128)
P1_C_8
AE20
I4
Port 1 C Channel Input Pixel Data (bit weight 64)
P1_C_7
AE21
I4
Port 1 C Channel Input Pixel Data (bit weight 32)
P1_C_6
AF21
I4
Port 1 C Channel Input Pixel Data (bit weight 16)
P1_C_5
AD19
I4
Port 1 C Channel Input Pixel Data (bit weight 8)
P1_C_4
AE19
I4
Port 1 C Channel Input Pixel Data (bit weight 4)
P1_C_3
AF19
I4
Port 1 C Channel Input Pixel Data (bit weight 2)
P1_C_2
AF20
I4
Port 1 C Channel Input Pixel Data (bit weight 1)
P1_C_1
AC19
I4
Port 1 C Channel Input Pixel Data (bit weight 0.5)
P1_C_0
AE19
I4
Port 1 C Channel Input Pixel Data (bit weight 0.25)
P1_VSYNC
AC20
B2
Port 1 Vertical Sync. This signal includes an internal pull-down. While intended to be
associated with Port 1, it can be programmed for use with Port 2.
P1_HSYNC
AD21
B2
Port 1 Horizontal Sync. This signal includes an internal pull-down. While intended to
be associated with Port 1, it can be programmed for use with Port 2.
P2_A_9
AD26
I4
Port 2 A Channel Input Pixel Data (bit weight 128)
P2_A_8
AD25
I4
Port 2 A Channel Input Pixel Data (bit weight 64)
P2_A_7
AB21
I4
Port 2 A Channel Input Pixel Data (bit weight 32)
P2_A_6
AC22
I4
Port 2 A Channel Input Pixel Data (bit weight 16)
P2_A_5
AD23
I4
Port 1 A Channel Input Pixel Data (bit weight 8)
P2_A_4
AB20
I4
Port 2 A Channel Input Pixel Data (bit weight 4)
P2_A_3
AC21
I4
Port 2 A Channel Input Pixel Data (bit weight 2)
P2_A_2
AD22
I4
Port 2 A Channel Input Pixel Data (bit weight 1)
P2_A_1
AE23
I4
Port 2 A Channel Input Pixel Data (bit weight 0.5)
P2_A_0
AB19
I4
Port 2 A Channel Input Pixel Data (bit weight 0.25)
P2_B_9
Y22
I4
Port 2 B Channel Input Pixel Data (bit weight 128)
P2_B_8
AB26
I4
Port 2 B Channel Input Pixel Data (bit weight 64)
P2_B_7
AA23
I4
Port 2 B Channel Input Pixel Data (bit weight 32)
P2_B_6
AB25
I4
Port 2 B Channel Input Pixel Data (bit weight 16)
P2_B_5
AA22
I4
Port 2 B Channel Input Pixel Data (bit weight 8)
P2_B_4
AB24
I4
Port 2 B Channel Input Pixel Data (bit weight 4)
P2_B_3
AC26
I4
Port 2 B Channel Input Pixel Data (bit weight 2)
P2_B_2
AB23
I4
Port 2 B Channel Input Pixel Data (bit weight 1)
P2_B_1
AC25
I4
Port 2 B Channel Input Pixel Data (bit weight 0.5)
P2_B_0
AC24
I4
Port 2 B Channel Input Pixel Data (bit weight 0.25)
P2_C_9
W23
I4
Port 2 C Channel Input Pixel Data (bit weight 128)
P2_C_8
V22
I4
Port 2 B Channel Input Pixel Data (bit weight 64)
P2_C_7
Y26
I4
Port 2 C Channel Input Pixel Data (bit weight 32)
P2_C_6
Y25
I4
Port 2 B Channel Input Pixel Data (bit weight 16)
P2_C_5
Y24
I4
Port 2 C Channel Input Pixel Data (bit weight 8)
P2_C_4
Y23
I4
Port 2 B Channel Input Pixel Data (bit weight 4)
P2_C_3
W22
I4
Port 2 C Channel Input Pixel Data (bit weight 2)
P2_C_2
AA26
I4
Port 2 B Channel Input Pixel Data (bit weight 1)
P2_C_1
AA25
I4
Port 2 C Channel Input Pixel Data (bit weight 0.5)
P2_C_0
AA24
I4
Port 2 B Channel Input Pixel Data (bit weight 0.25)
P2_VSYNC
U22
B2
Port 2 Vertical Sync. This signal includes an internal pull-down. While intended to be
associated with Port 2, it can be programmed for use with Port1.
P2_HSYNC
W26
B2
Port 2 Horizontal Sync. This signal includes an internal pull-down. While intended to
be associated with Port 2, it can be programmed for use with Port1.
ALF INPUT PORT CONTROL
ALF_VSYNC
AF11
I4
Autolock dedicated vertical sync. This signal includes an internal pull-down and uses
hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com